Electronic Components Datasheet Search
  English  ▼

X  

S1323 Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S1323
Description  HIGH RIPPLE-REJECTION AND SMALL PACKAGE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1323 Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S1323 Datasheet HTML 6Page - Seiko Instruments Inc S1323 Datasheet HTML 7Page - Seiko Instruments Inc S1323 Datasheet HTML 8Page - Seiko Instruments Inc S1323 Datasheet HTML 9Page - Seiko Instruments Inc S1323 Datasheet HTML 10Page - Seiko Instruments Inc S1323 Datasheet HTML 11Page - Seiko Instruments Inc S1323 Datasheet HTML 12Page - Seiko Instruments Inc S1323 Datasheet HTML 13Page - Seiko Instruments Inc S1323 Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
S-1323 Series
Rev.5.1_00
10
Seiko Instruments Inc.
Explanation of Terms
1. Low dropout voltage regulator
This voltage regulator has the low dropout voltage due to its built-in low on-resistance transistor.
2. Low ESR
A capacitor whose ESR (Equivalent Series Resistance) is low. The S-1323 Series enables use of a low
ESR capacitor, such as a ceramic capacitor, for the output-side capacitor CL. A capacitor whose ESR is
10
Ω or less can be used.
3. Output voltage (VOUT)
The accuracy of the output voltage is ensured at
±1.0% under the specified conditions of fixed input
voltage
*1, fixed output current, and fixed temperature.
*1. Differs depending the product.
Caution If the above conditions change, the output voltage value may vary and exceed the
accuracy range of the output voltage. Refer to “ Electrical Characteristics” and “
Characteristics (Typical Data)” for details.
4. Line regulation
ΔVOUT1
ΔVIN • VOUT
Indicates the dependency of the output voltage on the input voltage. That is, the values show how
much the output voltage changes due to a change in the input voltage with the output current remaining
unchanged.
5. Load regulation (
ΔVOUT2)
Indicates the dependency of the output voltage on the output current. That is, the values show how
much the output voltage changes due to a change in the output current with the input voltage remaining
unchanged.
6. Dropout voltage (Vdrop)
Indicates the difference between input voltage (VIN1) and the output voltage when; decreasing input
voltage (VIN) gradually until the output voltage has dropped out to the value of 98% of output voltage
(VOUT3), which is at VIN = VOUT(S)
+ 1.0 V.
Vdrop
= VIN1 − (VOUT3 × 0.98)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com