Electronic Components Datasheet Search
  English  ▼

X  

S1206 Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S1206
Description  ULTRA LOW CURRENT CONSUMPTION AND
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1206 Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S1206 Datasheet HTML 5Page - Seiko Instruments Inc S1206 Datasheet HTML 6Page - Seiko Instruments Inc S1206 Datasheet HTML 7Page - Seiko Instruments Inc S1206 Datasheet HTML 8Page - Seiko Instruments Inc S1206 Datasheet HTML 9Page - Seiko Instruments Inc S1206 Datasheet HTML 10Page - Seiko Instruments Inc S1206 Datasheet HTML 11Page - Seiko Instruments Inc S1206 Datasheet HTML 12Page - Seiko Instruments Inc S1206 Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_00
S-1206 Series
Seiko Instruments Inc.
9
Standard Circuit
CIN
*1
CL
*2
Input
Output
GND
Single GND
VOUT
VIN
VSS
*1.
A capacitor for stabilizing the input.
*2.
A ceramic capacitor of 0.1
μF or more can be used.
Figure 9
Caution
The above connection diagram and constant will not guarantee successful operation. Perform
thorough evaluation using the actual application to set the constant.
Condition of Application
Input capacitor (CIN): 0.1
μF or more
Output capacitor (CL): 0.1
μF or more
Caution Generally a series regulator may cause oscillation, depending on the selection of external parts.
Confirm that no oscillation occurs in the application for which the above capacitors are used.
Selection of Input and Output Capacitors (CIN, CL)
The S-1206 Series requires an output capacitor between the VOUT pin and VSS pin for phase compensation.
Operation is stabilized by a ceramic capacitor with an output capacitance of 0.1
μF or more in the entire temperature
range. When using an OS capacitor, a tantalum capacitor, or an aluminum electrolytic capacitor, the capacitance must
be 0.1
μF or more.
The value of the output overshoot or undershoot transient response varies depending on the value of the output
capacitor.
The required capacitance of the input capacitor differs depending on the application.
The recommended value for an application is CIN
≥ 0.1 μF, CL ≥ 0.1 μF; however, when selecting these capacitors,
perform sufficient evaluation, including evaluation of temperature characteristics, on the actual device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com