Electronic Components Datasheet Search
  English  ▼

X  

S1206 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S1206
Description  ULTRA LOW CURRENT CONSUMPTION AND
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1206 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S1206 Datasheet HTML 1Page - Seiko Instruments Inc S1206 Datasheet HTML 2Page - Seiko Instruments Inc S1206 Datasheet HTML 3Page - Seiko Instruments Inc S1206 Datasheet HTML 4Page - Seiko Instruments Inc S1206 Datasheet HTML 5Page - Seiko Instruments Inc S1206 Datasheet HTML 6Page - Seiko Instruments Inc S1206 Datasheet HTML 7Page - Seiko Instruments Inc S1206 Datasheet HTML 8Page - Seiko Instruments Inc S1206 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
S-1206 Series
www.sii-ic.com
ULTRA LOW CURRENT CONSUMPTION AND
LOW DROPOUT CMOS VOLTAGE REGULATOR
© Seiko Instruments Inc., 2006-2015
Rev.3.2_00
Seiko Instruments Inc.
1
The S-1206 Series is a positive voltage regulator with ultra low current consumption, low dropout voltage, high-accuracy
output voltage, and 250 mA output current developed based on CMOS technology.
I/O capacitors are as small as 0.1
μF. S-1206 Series operates at ultra low current consumption of 1.0 μA (typ.).
The built-in low-on-resistance transistor realizes low dropout voltage and a large output current. A built-in overcurrent
protection circuit prevents the load current from exceeding the current capacity of the output transistor.
Three packages, SOT-23-3, SOT-89-3, and SNT-6A(H) are available.
Compared with voltage regulators using a conventional CMOS technology, more types of capacitors, including small I/O
capacitors, can be used with the S-1206 Series. The S-1206 Series features ultra low current consumption and comes in a
small package, making them most suitable for portable equipment.
Features
• Output voltage:
1.2 V to 5.2 V, selectable in 0.05 V step
• Input voltage:
1.7 V to 6.5 V
• Output voltage accuracy:
±1.0% (1.2 V to 1.45 V output product: ±15 mV)
• Dropout voltage:
150 mV typ. (3.0 V output product, IOUT = 100 mA)
• Current consumption:
During operation: 1.0
μA typ., 1.5 μA max.
• Output current:
Possible to output 250 mA (3.0 V output product, VIN
≥ VOUT(S) + 1.0 V)
*1
• Input and output capacitors:
A ceramic capacitor of 0.1
μF or more can be used.
• Built-in overcurrent protection circuit:
Limits overcurrent of output transistor.
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free, Sn 100%, halogen-free
*2
*1. Attention should be paid to the power dissipation of the package when the output current is large.
*2. Refer to “ Product Name Structure” for details.
Applications
• Constant-voltage power supply for battery-powered device
• Constant-voltage power supply for cellular phone
• Constant-voltage power supply for portable equipment
Packages
• SOT-23-3
• SOT-89-3
• SNT-6A(H)


Similar Part No. - S1206

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
S1206H GOOD-ARK-S1206H Datasheet
186Kb / 4P
Chip Fuse
S1206H1 GOOD-ARK-S1206H1 Datasheet
186Kb / 4P
Chip Fuse
S1206H1.25 GOOD-ARK-S1206H1.25 Datasheet
186Kb / 4P
Chip Fuse
S1206H1.5 GOOD-ARK-S1206H1.5 Datasheet
186Kb / 4P
Chip Fuse
S1206H2 GOOD-ARK-S1206H2 Datasheet
186Kb / 4P
Chip Fuse
More results

Similar Description - S1206

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
Low current consumption
logo
Seiko Instruments Inc
S-1206 SII-S-1206 Datasheet
653Kb / 36P
ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Rohm
BD4830FVE-TR ROHM-BD4830FVE-TR Datasheet
433Kb / 18P
High accuracy detection, Ultra-low current consumption
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
Low current consumption
logo
Seiko Instruments Inc
S1167 SII-S1167 Datasheet
1Mb / 31P
ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION
S5470 SII-S5470 Datasheet
245Kb / 24P
ULTRA-LOW CURRENT CONSUMPTION
S-5470A21I-M5T1U SII-S-5470A21I-M5T1U Datasheet
1Mb / 24P
ULTRA-LOW CURRENT CONSUMPTION
logo
ABLIC Inc.
S-1206 ABLIC-S-1206 Datasheet
566Kb / 35P
ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
logo
Infineon Technologies A...
TLE7276-2E INFINEON-TLE7276-2E Datasheet
424Kb / 19P
Ultra Low Current Consumption 20
Rev. 1.0, June 2009
logo
STMicroelectronics
STBC15 STMICROELECTRONICS-STBC15 Datasheet
832Kb / 23P
Ultra-low current consumption linear battery charger
23-May-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com