Electronic Components Datasheet Search
  English  ▼

X  

S1206 Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S1206
Description  ULTRA LOW CURRENT CONSUMPTION AND
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1206 Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S1206 Datasheet HTML 8Page - Seiko Instruments Inc S1206 Datasheet HTML 9Page - Seiko Instruments Inc S1206 Datasheet HTML 10Page - Seiko Instruments Inc S1206 Datasheet HTML 11Page - Seiko Instruments Inc S1206 Datasheet HTML 12Page - Seiko Instruments Inc S1206 Datasheet HTML 13Page - Seiko Instruments Inc S1206 Datasheet HTML 14Page - Seiko Instruments Inc S1206 Datasheet HTML 15Page - Seiko Instruments Inc S1206 Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1206 Series
Rev.3.2_00
Seiko Instruments Inc.
12
Operation
1. Basic Operation
Figure 11
shows the block diagram of the S-1206 Series.
The error amplifier compares the reference voltage (Vref) with feedback voltage (Vfb), which is the output voltage
resistance-divided by feedback resistors (Rs and Rf). It supplies the gate voltage necessary to maintain the constant
output voltage which is not influenced by the input voltage and temperature change, to the output transistor.
*1
*1. Parasitic diode
VSS
Current
supply
−
+
Vfb
Vref
VIN
VOUT
Rf
Rs
Error
amplifier
Reference voltage
circuit
Figure 11
2. Output Transistor
In the S-1206 Series, a low on-resistance P-channel MOS FET is used as the output transistor.
Be sure that VOUT does not exceed VIN
+ 0.3 V to prevent the voltage regulator from being damaged due to reverse
current flowing from the VOUT pin through a parasitic diode to the VIN pin, when the potential of VOUT became higher
than VIN.
3. Overcurrent Protection Circuit
The S-1206 Series includes an overcurrent protection circuit having the characteristics shown in “1. Output Voltage
vs. Output Current (Ta = 25
°C)” in “ Characteristics (Typical Data)”, in order to protect the output transistor
against an excessive output current and short circuiting between the VOUT and VSS pins. The current when the
output pin is short-circuited (ISHORT) is internally set at approx. 130 mA (typ.) (1.2 V
≤ VOUT < 2.3 V) or approx. 100 mA
(typ.)
(2.3 V
≤ VOUT ≤ 5.2 V), and the normal value is restored for the output voltage, if releasing a short circuit
once.
Caution This overcurrent protection circuit does not work as for thermal protection. If this IC long keeps
short circuiting inside, pay attention to the conditions of input voltage and load current so that,
under the usage conditions including short circuit, the loss of the IC will not exceed power
dissipation of the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com