Electronic Components Datasheet Search
  English  ▼

X  

S1206 Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S1206
Description  ULTRA LOW CURRENT CONSUMPTION AND
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1206 Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S1206 Datasheet HTML 6Page - Seiko Instruments Inc S1206 Datasheet HTML 7Page - Seiko Instruments Inc S1206 Datasheet HTML 8Page - Seiko Instruments Inc S1206 Datasheet HTML 9Page - Seiko Instruments Inc S1206 Datasheet HTML 10Page - Seiko Instruments Inc S1206 Datasheet HTML 11Page - Seiko Instruments Inc S1206 Datasheet HTML 12Page - Seiko Instruments Inc S1206 Datasheet HTML 13Page - Seiko Instruments Inc S1206 Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1206 Series
Rev.3.2_00
Seiko Instruments Inc.
10
Explanation of Terms
1. Low Dropout Voltage Regulator
This voltage regulator has the low dropout voltage due to its built-in low on-resistance transistor.
2. Low Equivalent Series Resistance
A capacitor whose equivalent series resistance (RESR) is low. The S-1206 Series enables use of a low equivalent
series resistance capacitor, such as a ceramic capacitor, for the output-side capacitor (CL).
3. Output Voltage (VOUT)
The accuracy of the output voltage is ensured at
±1.0% or ±15 mV
*2 under the specified conditions of fixed input
voltage
*1, fixed output current, and fixed temperature.
*1.
Differs depending on the product.
*2.
When VOUT < 1.5 V :
±15 mV, When 1.5 V ≤ VOUT : ±1.0%
Caution If the above conditions change, the output voltage value may vary and exceed the accuracy range
of the output voltage. Refer to the “ Electrical Characteristics” and “ Characteristics (Typical
Data)” for details.
4. Line Regulation
•
Δ
Δ
OUT
IN
OUT1
V
V
V
Indicates the dependency of the output voltage on the input voltage. That is, the values show how much the output
voltage changes due to a change in the input voltage with the output current remaining unchanged.
5. Load Regulation (
ΔVOUT2)
Indicates the dependency of the output voltage on the output current. That is, the values show how much the output
voltage changes due to a change in the output current with the input voltage remaining unchanged.
6. Dropout Voltage (Vdrop)
Indicates the difference between input voltage (VIN1) and the output voltage when; decreasing input voltage (VIN)
gradually until the output voltage has dropped out to the value of 98% of output voltage (VOUT3), which is at VIN =
VOUT(S)
+ 1.0 V.
Vdrop = VIN1
− (VOUT3 × 0.98)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com