Electronic Components Datasheet Search
  English  ▼

X  

S1410 Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S1410
Description  LOW CURRENT CONSUMPTION WATCHDOG TIMER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1410 Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S1410 Datasheet HTML 1Page - Seiko Instruments Inc S1410 Datasheet HTML 2Page - Seiko Instruments Inc S1410 Datasheet HTML 3Page - Seiko Instruments Inc S1410 Datasheet HTML 4Page - Seiko Instruments Inc S1410 Datasheet HTML 5Page - Seiko Instruments Inc S1410 Datasheet HTML 6Page - Seiko Instruments Inc S1410 Datasheet HTML 7Page - Seiko Instruments Inc S1410 Datasheet HTML 8Page - Seiko Instruments Inc S1410 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LOW CURRENT CONSUMPTION WATCHDOG TIMER WITH RESET FUNCTION
Rev.1.0_01
S-1410/1411 Series
Seiko Instruments Inc.
5
Pin Configuration
1. TMSOP-8
7
6
5
8
2
3
4
1
Top view
Figure 3
Table 3 S-1410 Series (Product with W
___
/ T pin)
Pin No.
Symbol
Description
1
W
___
/ T
*1
Watchdog mode switching pin
2
CPOR
Reset time-out period adjustment pin
3
CWDT
Watchdog time adjustment pin
4
VSS
GND pin
5
WEN
Watchdog enable pin
6
WDO
________
Watchdog output pin
7
WDI
Watchdog input pin
8
VDD
Voltage input pin
*1. W
___
/ T pin = "H": Time-out mode
W
___
/ T pin = "L": Window mode
Table 4 S-1411 Series (Product without W
___
/ T pin)
Pin No.
Symbol
Description
1
RST
_______
Reset output pin
2
CPOR
Reset time-out period adjustment pin
3
CWDT
Watchdog time adjustment pin
4
VSS
GND pin
5
WEN
Watchdog enable pin
6
WDO
________
Watchdog output pin
7
WDI
Watchdog input pin
8
VDD
Voltage input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com