Electronic Components Datasheet Search
  English  ▼

X  

S1410 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S1410
Description  LOW CURRENT CONSUMPTION WATCHDOG TIMER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1410 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S1410 Datasheet HTML 4Page - Seiko Instruments Inc S1410 Datasheet HTML 5Page - Seiko Instruments Inc S1410 Datasheet HTML 6Page - Seiko Instruments Inc S1410 Datasheet HTML 7Page - Seiko Instruments Inc S1410 Datasheet HTML 8Page - Seiko Instruments Inc S1410 Datasheet HTML 9Page - Seiko Instruments Inc S1410 Datasheet HTML 10Page - Seiko Instruments Inc S1410 Datasheet HTML 11Page - Seiko Instruments Inc S1410 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
LOW CURRENT CONSUMPTION WATCHDOG TIMER WITH RESET FUNCTION
S-1410/1411 Series
Rev.1.0_01
Seiko Instruments Inc.
8
Absolute Maximum Ratings
Table 5
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Unit
VDD pin voltage
VDD
VSS
− 0.3 to VSS + 7.0
V
WDI pin voltage
VWDI
VSS
− 0.3 to VDD + 0.3 ≤ VSS + 7.0
V
WEN pin voltage
VWEN
VSS
− 0.3 to VDD + 0.3 ≤ VSS + 7.0
V
W
___
/ T pin voltage
Vw___ / T
VSS
− 0.3 to VDD + 0.3 ≤ VSS + 7.0
V
CPOR pin voltage
VCPOR
VSS
− 0.3 to VDD + 0.3 ≤ VSS + 7.0
V
CWDT pin voltage
VCWDT
VSS
− 0.3 to VDD + 0.3 ≤ VSS + 7.0
V
RST
_______
pin voltage
VRST
_______
VSS
− 0.3 to VDD + 0.3
V
WDO
________
pin voltage
VWDO
________
VSS
− 0.3 to VDD + 0.3
V
Operation ambient temperature
Topr
−40 to +105
°C
Storage temperature
Tstg
−40 to +150
°C
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
Thermal Resistance Value
Table 6
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Junction-to-ambient thermal resistance
*1
θja
TMSOP-8
Board 1
−
160
−
°C/W
Board 2
−
133
−
°C/W
*1. Test environment: compliance with JEDEC STANDARD JESD51-2A
Remark Refer to " Thermal Characteristics" for details of power dissipation and test board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com