Electronic Components Datasheet Search
  English  ▼

X  

S1410 Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S1410
Description  LOW CURRENT CONSUMPTION WATCHDOG TIMER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1410 Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S1410 Datasheet HTML 5Page - Seiko Instruments Inc S1410 Datasheet HTML 6Page - Seiko Instruments Inc S1410 Datasheet HTML 7Page - Seiko Instruments Inc S1410 Datasheet HTML 8Page - Seiko Instruments Inc S1410 Datasheet HTML 9Page - Seiko Instruments Inc S1410 Datasheet HTML 10Page - Seiko Instruments Inc S1410 Datasheet HTML 11Page - Seiko Instruments Inc S1410 Datasheet HTML 12Page - Seiko Instruments Inc S1410 Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
LOW CURRENT CONSUMPTION WATCHDOG TIMER WITH RESET FUNCTION
Rev.1.0_01
S-1410/1411 Series
Seiko Instruments Inc.
9
Electrical Characteristics
Table 7
(WEN pin logic active "H" product, VDD = 5.0 V, Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Detection voltage
*1
−VDET
−
−VDET(S)
× 0.985
−VDET(S)
−VDET(S)
× 1.015
V
1
Hysteresis width
VHYS
−
−VDET
× 0.03
−VDET
× 0.05
−VDET
× 0.07
V
1
Current consumption
during operation
ISS1
When watchdog timer operates
−
3.8
7.8
μA
2
Reset time-out period
tRST
CPOR = 2200 pF
8.7
14.5
20
ms
3
Watchdog time-out period
tWDU
CWDT = 470 pF
15
24.6
34
ms
3
Watchdog double pulse
detection time
tWDL
CWDT = 470 pF
461
769
1077
μs
4
Reset output voltage "H"
VROH
S-1411 Series A / B / C / D /
E / F type only
VDD
− 1.0
−
−
V
5
Reset output voltage "L"
VROL
−
−
−
0.4
V
6
Reset output pull-up current
IRUP
VRST
_______
= 0 V,
S-1411 Series A / B / C / D /
E / F type only
−
−0.85
−0.4
μA
7
Reset output current
IROUT
VDS = 0.4 V,
S-1411 Series
only
VDD = 1.5 V
0.6
1.1
−
mA
8
VDD = 1.8 V
1.1
1.6
−
mA
8
VDD = 2.5 V
2.1
2.6
−
mA
8
VDD = 3.0 V
2.8
3.3
−
mA
8
Reset output leakage current IRLEAK
VDS = 6.0 V, VDD = 6.0 V,
S-1411 Series only
−
−
0.096
μA
9
Watchdog output voltage "H" VWOH
A / B / C / D / E / F type only
VDD
− 1.0
−
−
V
10
Watchdog output voltage "L" VWOL
−
−
−
0.4
V
11
Watchdog output
pull-up current
IWUP
VWDO
________
= 0 V,
A / B / C / D / E / F type only
−
−0.85
−0.4
μA
12
Watchdog output current
IWOUT
VDS = 0.4 V
VDD = 1.5 V
0.6
1.1
−
mA
13
VDD = 1.8 V
1.1
1.6
−
mA
13
VDD = 2.5 V
2.1
2.6
−
mA
13
VDD = 3.0 V
2.8
3.3
−
mA
13
Watchdog output leakage
current
IWLEAK
VDS = 6.0 V, VDD = 6.0 V
−
−
0.096
μA
14
Input pin voltage 1 "H"
VSH1
WEN pin, WDI pin
0.7
× VDD
−
−
V
15
Input pin voltage 1 "L"
VSL1
WEN pin, WDI pin
−
−
0.3
× VDD
V
15
Input pin voltage 2 "H"
VSH2
W
___
/ T pin,
S-1410 Series only
0.7
× VDD
−
−
V
15
Input pin voltage 2 "L"
VSL2
W
___
/ T pin,
S-1410 Series only
−
−
0.3
× VDD
V
15
Input pulse width "H"
thigh1
−
1.5
−
−
μs
15
Input pulse width "L"
tlow1
−
1.5
−
−
μs
15
Watchdog output delay time
tWOUT
−
−
25
40
μs
3
Reset output delay time
tROUT
−
−
25
40
μs
3
Input setup time
tiset
−
1.0
−
−
μs
3
*1.
−VDET: Actual detection voltage, −VDET(S): Set detection voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com