Electronic Components Datasheet Search
  English  ▼

X  

S1410 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S1410
Description  LOW CURRENT CONSUMPTION WATCHDOG TIMER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1410 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S1410 Datasheet HTML 1Page - Seiko Instruments Inc S1410 Datasheet HTML 2Page - Seiko Instruments Inc S1410 Datasheet HTML 3Page - Seiko Instruments Inc S1410 Datasheet HTML 4Page - Seiko Instruments Inc S1410 Datasheet HTML 5Page - Seiko Instruments Inc S1410 Datasheet HTML 6Page - Seiko Instruments Inc S1410 Datasheet HTML 7Page - Seiko Instruments Inc S1410 Datasheet HTML 8Page - Seiko Instruments Inc S1410 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
S-1410/1411 Series
www.sii-ic.com
LOW CURRENT CONSUMPTION WATCHDOG TIMER
WITH RESET FUNCTION
© Seiko Instruments Inc., 2015
Rev.1.0_01
Seiko Instruments Inc.
1
The S-1410/1411 Series is a watchdog timer developed using CMOS technology, which can operate with low current
consumption of 3.8
μA typ. The reset function and the low voltage detection function are available.
Features
• Detection voltage:
2.0 V to 5.0 V, selectable in 0.1 V step
• Detection voltage accuracy:
±1.5%
• Input voltage:
VDD = 0.9 V to 6.0 V
• Hysteresis width:
5% typ.
• Current consumption:
3.8
μA typ.
• Reset time-out period:
14.5 ms typ. (CPOR = 2200 pF)
• Watchdog operation is switchable:
Enable, Disable
• Watchdog operation voltage range:
2.5 V to 6.0 V
• Watchdog mode switching function
*1:
Time-out mode, window mode
• Watchdog input edge is selectable:
Rising edge, falling edge, both rising and falling edges
• Product type is selectable:
S-1410 Series
(Product with W
___
/ T pin (Output: WDO
________
pin))
S-1411 Series
(Product without W
___
/ T pin (Output: RST
_______
pin, WDO
________
pin))
• Operation temperature range:
Ta =
−40°C to +105°C
• Lead-free (Sn 100%), halogen-free
*1. The S-1411 Series is fixed to the window mode.
Applications
• Power supply monitoring of microcontroller mounted apparatus and system monitoring
Package
• TMSOP-8


Similar Part No. - S1410

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
S14100033 WURTH-S14100033 Datasheet
156Kb / 2P
TOROIDAL LINE CHOKE WE-FI
S14100034 WURTH-S14100034 Datasheet
156Kb / 2P
TOROIDAL LINE CHOKE WE-FI
S14100035 WURTH-S14100035 Datasheet
229Kb / 2P
TOROIDAL LINE CHOKE WE-LCB
S14100037 WURTH-S14100037 Datasheet
205Kb / 2P
COMMON MODE CHOKE WE-CMBH
S14100038 WURTH-S14100038 Datasheet
215Kb / 2P
COMMON MODE CHOKE WE-CMB
More results

Similar Description - S1410

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5295AL MITSUBISHI-M5295AL Datasheet
116Kb / 8P
WATCHDOG TIMER
logo
Toshiba Semiconductor
TA8030F TOSHIBA-TA8030F Datasheet
292Kb / 9P
WATCHDOG TIMER
TA8030S TOSHIBA-TA8030S Datasheet
267Kb / 9P
WATCHDOG TIMER
20-Jan-1998
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
Watchdog Timer
HA1835P HITACHI-HA1835P Datasheet
59Kb / 13P
Watchdog Timer
logo
Renesas Technology Corp
M5295AL RENESAS-M5295AL Datasheet
165Kb / 13P
Watchdog Timer
HA16103FPJ RENESAS-HA16103FPJ Datasheet
364Kb / 19P
Watchdog Timer
logo
Axiomtek Co., Ltd.
EBOX622-831-FL AXIOMTEK-EBOX622-831-FL Datasheet
327Kb / 1P
Watchdog Timer
EBOX630-850-FL AXIOMTEK-EBOX630-850-FL Datasheet
350Kb / 1P
Watchdog Timer
logo
ABLIC Inc.
S-1410 ABLIC-S-1410 Datasheet
1Mb / 47P
105°COPERATION, 3.8 μA CURRENT CONSUMPTION WATCHDOG TIMER WITH RESET FUNCTION
Rev.2.3_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com