Electronic Components Datasheet Search
  English  ▼

X  

S5840B Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S5840B
Description  TEMPERATURE SWITCH IC (THERMOSTAT IC) WITH LATCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5840B Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S5840B Datasheet HTML 1Page - Seiko Instruments Inc S5840B Datasheet HTML 2Page - Seiko Instruments Inc S5840B Datasheet HTML 3Page - Seiko Instruments Inc S5840B Datasheet HTML 4Page - Seiko Instruments Inc S5840B Datasheet HTML 5Page - Seiko Instruments Inc S5840B Datasheet HTML 6Page - Seiko Instruments Inc S5840B Datasheet HTML 7Page - Seiko Instruments Inc S5840B Datasheet HTML 8Page - Seiko Instruments Inc S5840B Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TEMPERATURE SWITCH IC (THERMOSTAT IC) WITH LATCH
Rev.2.1_00
S-5840B Series
Seiko Instruments Inc.
3
Product Name Structure
Users are able to select the option for detection temperature, output form and logic, release voltage for the S-5840B Series.
1.
Product name
S-5840B
xx
-
M5T1
x
Environmental code
U:
Lead-free (Sn 100%), halogen-free
G:
Lead-free (for details, please contact our sales office)
Package abbreviation and IC packing specifications
*1
M5T1: SOT-23-5, tape
Option
*2
*1. Refer to the tape drawing.
*2. Option list
• The detection temperature (T
DET) can be set in the range of +55°C to +95° at 1°C step.
• The DET pin output can be selected the output logic in active "H" or "L".
• The DET pin output can be selected the output form in CMOS or Nch open drain.
• The release voltage (V
RET) can be set in the range of 2.2 V to 3.4 V at 0.1 V step.
2.
Package
Table 1
Package Drawing Codes
Package Name
Dimension
Tape
Reel
SOT-23-5
MP005-A-P-SD
MP005-A-C-SD
MP005-A-R-SD
3.
Product name list
Table 2
Product Name
Detection Temperature
(TDET)
DET Pin Output Form
DET Pin Output Logic
Release Voltage
(VRET)
S-5840BAG-M5T1x
+60°C
CMOS
Active "L"
2.9 V
S-5840BAH-M5T1x
+90°C
CMOS
Active "H"
2.9 V
S-5840BAJ-M5T1x
+80°C
Nch open drain
Active "L"
2.2 V
Remark 1. Please contact our sales office for options other than that specified above.
2. x: G or U
3. Please select products of environmental code = U for Sn 100%, halogen-free products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com