Electronic Components Datasheet Search
  English  ▼

X  

S5840B Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S5840B
Description  TEMPERATURE SWITCH IC (THERMOSTAT IC) WITH LATCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5840B Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S5840B Datasheet HTML 1Page - Seiko Instruments Inc S5840B Datasheet HTML 2Page - Seiko Instruments Inc S5840B Datasheet HTML 3Page - Seiko Instruments Inc S5840B Datasheet HTML 4Page - Seiko Instruments Inc S5840B Datasheet HTML 5Page - Seiko Instruments Inc S5840B Datasheet HTML 6Page - Seiko Instruments Inc S5840B Datasheet HTML 7Page - Seiko Instruments Inc S5840B Datasheet HTML 8Page - Seiko Instruments Inc S5840B Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TEMPERATURE SWITCH IC (THERMOSTAT IC) WITH LATCH
Rev.2.1_00
S-5840B Series
Seiko Instruments Inc.
5
Absolute Maximum Ratings
Table 4
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Unit
Power supply voltage (VSS = 0 V)
VDD
VSS + 12
V
Pin voltage
VRT, VCD
VSS − 0.3 to VDD + 0.3
V
CMOS output
VSS − 0.3 to VDD + 0.3
V
Output voltage
Nch open drain output
VDET
VSS − 0.3 to VSS + 12.0
V
300 (when not mounted on board)
mW
Power dissipation
PD
600
*1
mW
Operating temperature
Topr
−40 to +100
°C
Storage temperature
Tstg
−55 to +125
°C
*1. When mounted on board
[Mounted board]
(1)
Board size:
114.3 mm
× 76.2 mm × t1.6 mm
(2)
Board name:
JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
Recommended Values for External Parts
Table 5
Item
Symbol
Value
Unit
CD capacitance
CD
4.7
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com