Electronic Components Datasheet Search
  English  ▼

X  

S5840B Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S5840B
Description  TEMPERATURE SWITCH IC (THERMOSTAT IC) WITH LATCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5840B Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S5840B Datasheet HTML 4Page - Seiko Instruments Inc S5840B Datasheet HTML 5Page - Seiko Instruments Inc S5840B Datasheet HTML 6Page - Seiko Instruments Inc S5840B Datasheet HTML 7Page - Seiko Instruments Inc S5840B Datasheet HTML 8Page - Seiko Instruments Inc S5840B Datasheet HTML 9Page - Seiko Instruments Inc S5840B Datasheet HTML 10Page - Seiko Instruments Inc S5840B Datasheet HTML 11Page - Seiko Instruments Inc S5840B Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TEMPERATURE SWITCH IC (THERMOSTAT IC) WITH LATCH
S-5840B Series
Rev.2.1_00
Seiko Instruments Inc.
8
Operation
1.
Basic operation
The S-5840B Series is a temperature switch IC (thermostat IC) which detects the temperature and sends a signal to an
external device. The users can select a combination of the parameters such as detection temperature and release
voltage.
Following is about the operation when the DET pin output logic is active "H".
When the power supply voltage is turned on, the DET pin voltage goes to "L" since the flip-flop circuit in the detection
circuit is cleared by the voltage detection circuit. Temperature detection then starts and the DET pin is held "L" as long
as the temperature is lower than the detection temperature. When the temperature rises and when the temperature
exceeds the detection temperature; longer than the time defined by the capacitor connected to the CD pin, the DET pin
goes to "H". Once the over-temperature is detected and the DET pin goes to "H", the state is held by the flip-flop circuit.
In order to release the state, the power supply voltage should be set under the detection voltage (VR − VHYS) of the built-
in voltage detector circuit to reset the internal circuit.
Using the internal reference voltage and built-in temperature sensor, a detection temperature accuracy of
±2.5°C is
achieved in the S-5840B Series.
2.
Noise suppression circuit
The noise suppression circuit prevents malfunction of the temperature switch caused by noise.
The noise suppression circuit starts charging the capacitor connected to the CD pin when the output of the internal
comparator enters the active state due to an external noise or a rapid change in the power supply voltage. In the normal
operation, the flip-flop circuit is set when the capacitor is charged to a certain voltage. But in the noise triggered
operation, the comparator output goes back to the inactive state and the CD pin voltage is held "L" since the charging of
the external capacitor (CD) is insufficient. As a result, the DET pin is held "L" and malfunction does not occur.
Noise suppression time (tnoise) is determined by the time constant consisting of internal constant current and the
capacitance of the CD, and calculated by the following equation.
tnoise (ms) = Noise suppression time coefficient × CD (nF)
Noise suppression time coefficient (Ta =
+25°C): 6.4 typ.
The CD has no limitation as long as its leak current is negligible compared to the internal constant current. The difference
occurs in delay time if the capacitor has a leak current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com