Electronic Components Datasheet Search
  English  ▼

X  

S5840B Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S5840B
Description  TEMPERATURE SWITCH IC (THERMOSTAT IC) WITH LATCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5840B Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S5840B Datasheet HTML 1Page - Seiko Instruments Inc S5840B Datasheet HTML 2Page - Seiko Instruments Inc S5840B Datasheet HTML 3Page - Seiko Instruments Inc S5840B Datasheet HTML 4Page - Seiko Instruments Inc S5840B Datasheet HTML 5Page - Seiko Instruments Inc S5840B Datasheet HTML 6Page - Seiko Instruments Inc S5840B Datasheet HTML 7Page - Seiko Instruments Inc S5840B Datasheet HTML 8Page - Seiko Instruments Inc S5840B Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
S-5840B Series
www.sii-ic.com
TEMPERATURE SWITCH IC (THERMOSTAT IC) WITH LATCH
© Seiko Instruments Inc., 2007-2012
Rev.2.1_00
Seiko Instruments Inc.
1
The S-5840B Series is a temperature switch IC (thermostat IC) with a latch function which detects the temperature with a
temperature accuracy of
±2.5°C. When the temperature reaches the detection temperature, the output signal is inverted and
being latched until the S-5840B Series detects decrease in a power supply voltage.
The S-5840B Series operates at the lower power supply voltage of 1.0 V and its current consumption is 12
μA typ. due to
CMOS configuration.
The S-5840B Series has a temperature sensor using negative temperature coefficient, a reference voltage generation
circuit, comparator, voltage detection circuit and noise suppression circuit on a chip, and they are enclosed in package
SOT-23-5.
Features
• Detection temperature:
TDET = +55 to +95°C, +1°C step, detection accuracy: ±2.5°C
• Wide voltage operation:
VDD = 1.0 V to 10.0 V
• Release voltage:
VRET = 2.2 V to 3.4 V, 0.1 V step
• Low current consumption:
IDD = 12 μA typ. (Ta = +25°C).
• Built-in noise suppression circuit for preventing temperature detection malfunction
• Output logic level is fixed by the latch after temperature detection.
• Selectable output logic in active "H" or "L"
• Selectable output form in CMOS or Nch open drain
• Operation temperature range:
Ta =
−40°C to +100°C
• Lead-free, Sn 100%, halogen-free*1
*1. Refer to "
Product Name Structure" for details.
Applications
• Game console
• Electronic device
Package
• SOT-23-5


Similar Part No. - S5840B

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S5841 SII-S5841 Datasheet
449Kb / 26P
TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5842A SII-S5842A Datasheet
686Kb / 31P
DUAL TRIP TEMPERATURE SWITCH IC
S5843A SII-S5843A Datasheet
478Kb / 21P
TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5844A SII-S5844A Datasheet
629Kb / 28P
TEMPERATURE SWITCH IC (THERMOSTAT IC)
More results

Similar Description - S5840B

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11052 TOKO-TK11052 Datasheet
124Kb / 12P
THERMOSTAT IC
logo
Seiko Instruments Inc
S-5840B SII-S-5840B Datasheet
374Kb / 13P
TEMPERATURE SWITCH IC WITH LATCH
S-8130AA SII-S-8130AA Datasheet
313Kb / 12P
TEMPERATURE SWITCH IC WITH LATCH
logo
Rohm
BDEXXX0G ROHM-BDEXXX0G Datasheet
265Kb / 9P
Detect TemperatureChangeable Thermostat Output Temperature Sensor IC
logo
Seiko Instruments Inc
S5841 SII-S5841 Datasheet
449Kb / 26P
TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5843A SII-S5843A Datasheet
478Kb / 21P
TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5844A SII-S5844A Datasheet
629Kb / 28P
TEMPERATURE SWITCH IC (THERMOSTAT IC)
logo
Rohm
BDJ0600AHFV ROHM-BDJ0600AHFV Datasheet
1Mb / 16P
Temperature Sensor IC Low Current Thermostat Output
BDJ0700AHFV ROHM-BDJ0700AHFV Datasheet
1Mb / 16P
Temperature Sensor IC Low Current Thermostat Output
BDJ0800AHFV ROHM-BDJ0800AHFV Datasheet
1Mb / 16P
Temperature Sensor IC Low Current Thermostat Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com