Electronic Components Datasheet Search
  English  ▼

X  

MAX5918AEEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5918AEEE
Description  Low-Voltage, Dual Hot-Swap Controllers with Independent ON/OFF Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5918AEEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5918AEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5918AEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5918AEEE Datasheet HTML 9Page - Maxim Integrated Products MAX5918AEEE Datasheet HTML 10Page - Maxim Integrated Products MAX5918AEEE Datasheet HTML 11Page - Maxim Integrated Products MAX5918AEEE Datasheet HTML 12Page - Maxim Integrated Products MAX5918AEEE Datasheet HTML 13Page - Maxim Integrated Products MAX5918AEEE Datasheet HTML 14Page - Maxim Integrated Products MAX5918AEEE Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Layout Considerations
To take full tracking advantage of the switch response
time to an output fault condition, it is important to keep
all traces as short as possible and to maximize the
high-current trace dimensions to reduce the effect of
undesirable parasitic inductance. Place the MAX5918/
MAX5919 close to the card’s connector. Use a ground
plane to minimize impedance and inductance. Minimize
the current-sense resistor trace length (< 10mm), and
ensure accurate current sensing with Kelvin connections
(Figure 6).
When the output is short circuited, the voltage drop
across the external MOSFET becomes large. Hence,
the power dissipation across the switch increases, as
does the die temperature. An efficient way to achieve
good power dissipation on a surface-mount package is
to lay out two copper pads directly under the MOSFET
package on both sides of the board. Connect the two
pads to the ground plane through vias, and use
enlarged copper mounting pads on the top side of the
board (refer to the MAX5919 EV Kit).
Chip Information
TRANSISTOR COUNT: 3542
PROCESS: BiCMOS
Low-Voltage, Dual Hot-Swap Controllers with
Independent ON/OFF Control
______________________________________________________________________________________
13
PART
OUTPUT UNDERVOLTAGE/OVERVOLTAGE
PROTECTION/MONITOR
FAULT MANAGEMENT
MAX5918AEEE
Protection
Autoretry
MAX5918LEEE
Protection
Latched
MAX5919AEEE
Monitor
Autoretry
MAX5919LEEE
Monitor
Latched
Selector Guide
ON_
IN_
GATE_
VIN
VOUT
SENSE_
MAX5918
MAX5919
CBOARD
BACKPLANE
REMOVABLE CARD
WITH NO HOT-INSERTION
PROTECTION
Figure 5. Using the MAX5918/MAX5919 on a Backplane
SENSE RESISTOR
HIGH-CURRENT PATH
MAX5918
MAX5919
Figure 6. Kelvin Connection for the Current-Sense Resistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com