Electronic Components Datasheet Search
  English  ▼

X  

MAX5918AEEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5918AEEE
Description  Low-Voltage, Dual Hot-Swap Controllers with Independent ON/OFF Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5918AEEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5918AEEE Datasheet HTML 1Page - Maxim Integrated Products MAX5918AEEE Datasheet HTML 2Page - Maxim Integrated Products MAX5918AEEE Datasheet HTML 3Page - Maxim Integrated Products MAX5918AEEE Datasheet HTML 4Page - Maxim Integrated Products MAX5918AEEE Datasheet HTML 5Page - Maxim Integrated Products MAX5918AEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5918AEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5918AEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5918AEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Low-Voltage, Dual Hot-Swap Controllers with
Independent ON/OFF Control
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN_ = +1V to +13.2V provided at least one supply is higher than +2.7V, VON1 = VON2 = +2.7V, TA = -40°C to +85°C, unless other-
wise noted. Typical values are at VIN1 = +5V, VIN2 = +3.3V, and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VON_ < 4.5V
0.03
VON_ > 4.5V
100
ON Input Bias Current
IBON
VIN1 = VIN2 = +13.2V
VON_ = 4.5V
0.03
1
µA
ON Pulse Width Low
tUNLATCH
To unlatch after a latched fault
100
µs
DIGITAL OUTPUT (PGOOD_)
Output Leakage Current
VPGOOD_ = 13.2V
1
µA
Output Voltage Low
VOL
ISINK = 1mA
0.4
V
PGOOD_ Delay
tPGDLY
After tSTART, MON_ = VIN_
0.75
ms
OUTPUT VOLTAGE MONITORS (MON1, MON2)
Overvoltage
657
687
707
MON_ Trip Threshold
VMON
Undervoltage
513
543
563
mV
MON_ Glitch Filter
20
µs
MON_ Input Bias Current
VMON_ = 600mV
0.03
µA
UNDERVOLTAGE LOCKOUT (UVLO)
Startup is initiated when this threshold is
reached by VIN1 or VIN2, VON_ > 0.875V
2.10
2.4
2.67
V
UVLO Threshold
VUVLO
Hysteresis
100
mV
UVLO Glitch Filter Reset Time
VIN_ toggled below UVLO to unlatch after a
fault
100
µs
UVLO to Startup Delay
tD,UVLO
VIN_ step from 0 to 2.8V
20
37.5
60
ms
SHUTDOWN LATCH/RESTART
Autoretry Delay
tRETRY
Delay time to restart after fault shutdown
64 x tSTART
ms
Note 1: All devices are 100% tested at TA = +25°C and TA = +85°C. Limits at TA = -40°C are guaranteed by design.
Note 2: The MAX5918/MAX5919 slow-comparator threshold is adjustable. VSC,TH = RLIM ✕ 0.25µA + 25mV (see the Typical
Operating Characteristics).
Note 3: The current-limit slow-comparator response time is weighted against the amount of overcurrent, the higher the overcurrent
condition, the faster the response time (see the Typical Operating Characteristics).
Note 4: The startup period (tSTART) is the time during which the slow comparator is ignored and the device acts as a current-limiter
by regulating the sense current with the fast comparator (see the Startup Period section).
Note 5: The current available at GATE is a function of VGATE (see the Typical Operating Characteristics).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com