Electronic Components Datasheet Search
  English  ▼

X  

MAX5918AEEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5918AEEE
Description  Low-Voltage, Dual Hot-Swap Controllers with Independent ON/OFF Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5918AEEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5918AEEE Datasheet HTML 1Page - Maxim Integrated Products MAX5918AEEE Datasheet HTML 2Page - Maxim Integrated Products MAX5918AEEE Datasheet HTML 3Page - Maxim Integrated Products MAX5918AEEE Datasheet HTML 4Page - Maxim Integrated Products MAX5918AEEE Datasheet HTML 5Page - Maxim Integrated Products MAX5918AEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5918AEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5918AEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5918AEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Low-Voltage, Dual Hot-Swap Controllers with
Independent ON/OFF Control
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN_ = +1V to +13.2V provided at least one supply is higher than +2.7V, VON1 = VON2 = +2.7V, TA = -40°C to +85°C, unless other-
wise noted. Typical values are at VIN1 = +5V, VIN2 = +3.3V, and TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN_ to GND...........................................................................+14V
GATE_ to GND ...........................................-0.3V to (VIN_ + 6.2V)
ON_, PGOOD_, TIM to GND.......................-0.3V to the higher of
(VIN1 + 0.3V) and (VIN2 + 0.3V)
SENSE_, MON_, LIM_ to GND ...................-0.3V to (VIN_ + 0.3V)
Current into Any Pin .........................................................±50mA
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.3mW/°C above +70°C)...........667mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
IN_ Input Voltage Range
VIN
Other VIN
≥ +2.7V
1.0
13.2
V
Supply Current
IIN
IIN1 + IIN2, VIN1 = +5V, VIN2 = +3.3V
1.2
2.3
mA
CURRENT CONTROL
TA = +25
°C
22.5
25
27.5
LIM = GND
TA = -40
°C to +85°C
20.5
27.5
Slow-Comparator Threshold
(VIN_ - VSENSE_) (Note 2)
VSC,TH
RLIM = 300k
Ω
80
100
130
mV
1mV overdrive
3
ms
Slow-Comparator Response Time
(Note 3)
tSCD
10mV overdrive
110
µs
VSU,TH
During startup
2 x VSC,TH
Fast-Comparator Threshold
(VIN_ - VSENSE_)
VFC,TH
VIN_ - VSENSE_; normal operation
4 x VSC,TH
mV
Fast-Comparator Response Time
(VIN_ - VSENSE_)
tFCD
10mV overdrive, from overload condition
260
ns
SENSE Input Bias Current
IB SENSE
VSENSE_ = VIN_
0.03
1
µA
MOSFET DRIVER
TA = 0°C to +85°C
8.0
10.8
13.6
RTIM = 100k
Ω
(maximum value)
TA = -40
°C to +85°C
6
10.8
16
RTIM = 4k
Ω (minimum value)
0.35
0.45
0.55
Startup Period (Note 4)
tSTART
TIM floating
5
9
14
ms
Charging, VGATE_ = +5V, VIN_ = +10V (Note 5)
80
100
130
µA
Average Gate Current
IGATE
Discharging, triggered by a fault or when
VON < 0.875V
3mA
VIN_ = 3V to 13.2V
4.8
5.4
5.8
Gate-Drive Voltage
VDRIVE
VGATE_ - VIN_,
IGATE_ < 1µA
VIN_ = 2.7V to 3.0V
4.3
5
5.8
V
ON COMPARATOR
Low to high
0.85
0.875
0.90
V
ON Threshold
VON_,TH
Hysteresis
25
mV
ON Propagation Delay
10mV overdrive
50
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com