Electronic Components Datasheet Search
  English  ▼

X  

MAX5918AEEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5918AEEE
Description  Low-Voltage, Dual Hot-Swap Controllers with Independent ON/OFF Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5918AEEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5918AEEE Datasheet HTML 1Page - Maxim Integrated Products MAX5918AEEE Datasheet HTML 2Page - Maxim Integrated Products MAX5918AEEE Datasheet HTML 3Page - Maxim Integrated Products MAX5918AEEE Datasheet HTML 4Page - Maxim Integrated Products MAX5918AEEE Datasheet HTML 5Page - Maxim Integrated Products MAX5918AEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5918AEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5918AEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5918AEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Low-Voltage, Dual Hot-Swap Controllers with
Independent ON/OFF Control
4
_______________________________________________________________________________________
0
0.6
0.4
0.2
1.0
0.8
1.8
1.6
1.4
1.2
2.0
02468
10
12
14
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
VINX (V)
VINY = VON1 = VON2 = 2.7V
IINX + IINY
IINX
IINY
0
0.6
0.4
0.2
1.0
0.8
1.8
1.6
1.4
1.2
2.0
02468
10
12
14
TOTAL SUPPLY CURRENT
vs. SUPPLY VOLTAGE
VINX (V)
VINY = 5.0V
A) VON1 = VON2 = 3.3V
B) VON1 = VON2 = 1.5V
C) VON1 = VON2 = 0
A
C
B
0
0.6
0.4
0.2
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-40
10
-15
35
60
85
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VON1 = VIN1
VON2 = VIN2
IIN1 + IIN2
IIN2
IIN1
0
2
1
4
3
5
6
06
8
2
4
10
12
14
GATE-DRIVE VOLTAGE
vs. INPUT VOLTAGE
VINX (V)
VINY = 2.7V
0
60
40
20
80
100
120
140
160
180
200
020
GATE CHARGE CURRENT
vs. GATE VOLTAGE
VGATEX (V)
510
15
VINY = 2.7V
VINX = 13.2V
VINX = 5V
VINX = 1V
0
60
40
20
80
100
120
140
160
180
200
-40
10
-15
35
60
85
GATE CHARGE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VINX = 13.2V
VINX = 5V
VINX = 1V
VINY = 2.7V
VGATEX = 0
0
2
1
4
3
5
6
010
515
20
GATE STRONG DISCHARGE CURRENT
vs. GATE VOLTAGE
VGATEX (V)
VINX = 13.2V
VINX = 5V
VINX = 1V
VON1 = VON2 = 0
VINY = 2.7V
VGATEX = VINX + 6.2V
0
2
1
4
3
5
6
-40
10
-15
35
60
85
GATE STRONG DISCHARGE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VINX = 13.2V
VINX = 5V
VINX = 1V
VON1 = VON2 = 0
VINY = 2.7V
VGATEX = VINX + 6.2V
0.0001
0.001
0.1
0.01
1
10
050
75
25
100 125 150 175 200
TURN-OFF TIME vs. SENSE VOLTAGE
VIN - VSENSE (mV)
SLOW-COMP. THRESHOLD
FAST-COMP. THRESHOLD
Typical Operating Characteristics
(Typical Operating Circuits, Q1 = Q2 = Fairchild FDB7090L, VIN1 = +5V, VIN2 = +3.3V, VON1 = VON2 = +2.7V, TA = +25°C, unless
otherwise noted. Channels 1 and 2 are identical in performance. Where characteristics are interchangeable, channels 1 and 2 are
referred to as X and Y.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com