Electronic Components Datasheet Search
  English  ▼

X  

MAX629ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX629ESA
Description  28V, Low-Power, High-Voltage, Boost or Inverting DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX629ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX629ESA Datasheet HTML 4Page - Maxim Integrated Products MAX629ESA Datasheet HTML 5Page - Maxim Integrated Products MAX629ESA Datasheet HTML 6Page - Maxim Integrated Products MAX629ESA Datasheet HTML 7Page - Maxim Integrated Products MAX629ESA Datasheet HTML 8Page - Maxim Integrated Products MAX629ESA Datasheet HTML 9Page - Maxim Integrated Products MAX629ESA Datasheet HTML 10Page - Maxim Integrated Products MAX629ESA Datasheet HTML 11Page - Maxim Integrated Products MAX629ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
28V, Low-Power, High-Voltage,
Boost or Inverting DC-DC Converter
_______________________________________________________________________________________
9
increasing usable battery life. Using separate supplies
for VCC and VIN also reduces noise injection onto VCC
by isolating it from the switching transients, allowing a
smaller, less-expensive input filter capacitor to be used
in many applications. If input voltages below 2V will be
common, reducing the inductor to 22µH may improve
performance in this voltage range, at the potential cost
of some decrease in maximum load current and effi-
ciency.
In the negative configuration shown in Figure 3, the
inverting charge pump injects current into LX with each
cycle. The amount of charge injected increases at
higher VIN, and may prematurely trip the internal current-
limit threshold. Resistor R3 increases the usable input
voltage range by limiting the peak injected current. The
2
Ω resistor shown provides a usable input voltage
range beyond VIN = 15V. In applications with a different
input voltage range, R3 may be increased or
decreased as necessary, with a resulting efficiency
change of roughly 0.5%/
Ω.
Layout Considerations
Proper PC board layout is essential due to high current
levels and fast switching waveforms that radiate noise.
It is recommended that initial prototyping be performed
using the MAX629 evaluation kit or equivalent PC
board-based design. Breadboards or proto-boards
should never be used when prototyping switching reg-
ulators.
It is important to connect the GND pin, the input
bypass-capacitor ground lead, and the output filter-
capacitor ground lead to a single point (star ground
configuration) to minimize ground noise and improve
regulation. Also, minimize lead lengths to reduce stray
capacitance, trace resistance, and radiated noise, with
preference given to the feedback circuit, the ground
circuit, and LX. Place R1 and R2 as close to the feed-
back pin as possible. Place the input bypass capacitor
as close as possible to VCC and GND.
Refer to the MAX629 evaluation kit data sheet for an
example of proper board layout.
Figure 4. Adjustable Output Voltage
MAX629
VOUT
VBIAS
R2
( ) ARE FOR NEGATIVE OUTPUT VOLTAGE CONFIGURATIONS.
RB
R1
FB
GND
(REF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com