Electronic Components Datasheet Search
  English  ▼

X  

MAX629ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX629ESA
Description  28V, Low-Power, High-Voltage, Boost or Inverting DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX629ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX629ESA Datasheet HTML 2Page - Maxim Integrated Products MAX629ESA Datasheet HTML 3Page - Maxim Integrated Products MAX629ESA Datasheet HTML 4Page - Maxim Integrated Products MAX629ESA Datasheet HTML 5Page - Maxim Integrated Products MAX629ESA Datasheet HTML 6Page - Maxim Integrated Products MAX629ESA Datasheet HTML 7Page - Maxim Integrated Products MAX629ESA Datasheet HTML 8Page - Maxim Integrated Products MAX629ESA Datasheet HTML 9Page - Maxim Integrated Products MAX629ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
28V, Low-Power, High-Voltage,
Boost or Inverting DC-DC Converter
6
_______________________________________________________________________________________
without a significant loss of accuracy. Begin by select-
ing R2 to be in the 10k
Ω to 200kΩ range, and calculate
R1 using the applicable equation from the following
subsections.
Positive Output Voltages
For positive output voltages, use the typical boost con-
figuration shown in Figure 2, connecting POL to GND.
This sets the threshold voltage at FB to equal VREF.
Choose the value of R2 and calculate R1 as follows:
where VREF = 1.25V.
Negative Output Voltages
For negative output voltages, configure R1 and R2 as
shown in Figure 3, connecting POL to VCC. This sets
the FB threshold voltage to GND so that negative volt-
ages can be regulated. Choose R2 and calculate R1 as
follows:
where VREF = 1.25V.
Figure 3 demonstrates generation of a negative output
voltage by following the MAX629 with an inverting
charge pump. This configuration limits
VOUTto values
between -
VINand -28V. If smaller negative output volt-
ages are required, D2’s cathode can be connected to
VIN. This alternative configuration permits output volt-
ages smaller than -
VIN, but cannot be used for output
voltages more negative than -
28V - VIN. It produces
roughly one-half the output current as the standard con-
figuration and is typically 5% less efficient.
R1 = R2 x
V
V
|
|
OUT
REF
R1 = R2 x
V
V
OUT
REF
−


1
MAX629
MIN OFF-TIME
GENERATOR
TRIG
Q
S
LX
ISET
Q
F/F
GND
R
START-UP
MAX ON-TIME
GENERATOR
(10
µs)
CONTROL
FB
REF
VCC
1V
START-UP
COMPARATOR
ERROR
AMP
1.25V
REF
POL
TRIG
Q
SHDN
POLARITY
Figure 1. Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com