Electronic Components Datasheet Search
  English  ▼

X  

MAX629ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX629ESA
Description  28V, Low-Power, High-Voltage, Boost or Inverting DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX629ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX629ESA Datasheet HTML 1Page - Maxim Integrated Products MAX629ESA Datasheet HTML 2Page - Maxim Integrated Products MAX629ESA Datasheet HTML 3Page - Maxim Integrated Products MAX629ESA Datasheet HTML 4Page - Maxim Integrated Products MAX629ESA Datasheet HTML 5Page - Maxim Integrated Products MAX629ESA Datasheet HTML 6Page - Maxim Integrated Products MAX629ESA Datasheet HTML 7Page - Maxim Integrated Products MAX629ESA Datasheet HTML 8Page - Maxim Integrated Products MAX629ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX629 low-power DC-DC converter features an
internal N-channel MOSFET switch and programmable
current limiting. It is designed to supply positive or neg-
ative bias voltages up to ±28V from input voltages in
the 0.8V to VOUT range, and can be configured for
boost, flyback, and SEPIC topologies.
The MAX629’s current-limited pulse-frequency-modula-
tion (PFM) control scheme provides high efficiency over
a wide range of load conditions. An internal, 0.5A N-
channel MOSFET switch reduces the total part count,
and a high switching frequency (up to 300kHz) allows
for tiny surface-mount magnetics.
The MAX629’s combination of low supply current, logic-
controlled shutdown, small package, and tiny external
components makes it an extremely compact and effi-
cient high-voltage biasing solution that’s ideal for bat-
tery-powered applications. The MAX629 is available in
an 8-pin SO package.
________________________Applications
Positive or Negative LCD Bias Generators
High-Efficiency DC-DC Boost Converters
Varactor Tuning Diode Bias
Palmtop Computers
2-Cell and 3-Cell Battery-Powered Applications
____________________________Features
o Internal, 500mA, 28V N-Channel Switch
(No External FET Required)
o Generates Positive or Negative Output Voltages
o 80µA Supply Current
o 1µA Max Shutdown Current
o Up to 300kHz Switching Frequency
o Adjustable Current Limit Allows Use of Small,
Inexpensive Inductors
o 8-Pin SO Package
28V, Low-Power, High-Voltage,
Boost or Inverting DC-DC Converter
________________________________________________________________
Maxim Integrated Products
1
MAX629
SHDN
VIN
+2.7V
TO +5.5V
LX
VCC
GND
FB
ISET
POL
REF
POSITIVE OUTPUT VOLTAGE
MAX629
SHDN
-VOUT
-28V
VOUT
28V
VIN
+2.7V
TO +5.5V
LX
VCC
GND
FB
REF
POL
NEGATIVE OUTPUT VOLTAGE
ISET
___________________________________________________Typical Operating Circuit
19-1219; Rev 1; 6/97
PART
TEMP. RANGE
PIN-PACKAGE
______________Ordering Information
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
Note: To order tape-and-reel shipping, add “-T” to the end of
the part number.
*
Dice are tested at TA = +25°C, DC parameters only.
Pin Configuration appears at end of data sheet.
MAX629C/D
0°C to +70°C
Dice*
MAX629ESA
-40°C to +85°C
8 SO
EVALUATION
KIT MANUAL
AVAILABLE


Similar Part No. - MAX629ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX629ESA MAXIM-MAX629ESA Datasheet
1Mb / 12P
28V, Low-Power, High-Voltage, Boost or Inverting DC-DC Converter
2020
More results

Similar Description - MAX629ESA

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1650 SEMTECH-SC1650 Datasheet
90Kb / 4P
HIGH-VOLTAGE INVERTING DC-DC CONVERTER
logo
Analog Microelectronics
AME5131 AME-AME5131 Datasheet
169Kb / 11P
Low Power DC/DC Boost Converter
logo
Linear Technology
LT3472 LINER-LT3472 Datasheet
227Kb / 12P
Boost and Inverting DC/DC Converter for CCD Bias
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
Boost/Buck/Inverting DC-DC CONVERTER
Rev 2
logo
Union Semiconductor, In...
UM1660 UNIONSEMI-UM1660 Datasheet
546Kb / 15P
Low Power DC/DC Boost Converter
logo
Linear Technology
LT3581 LINER-LT3581_15 Datasheet
466Kb / 36P
3.3A Boost/Inverting DC/DC Converter with Fault Protection
logo
Union Semiconductor, In...
UM1665 UNIONSEMI-UM1665 Datasheet
461Kb / 15P
Low Power DC/DC Boost Converter
logo
Linear Integrated Syste...
LTM8049 LINEAR-LTM8049 Datasheet
1Mb / 18P
Dual SEPIC or Inverting Module DC DC Converter
logo
Linear Technology
LT8582 LINER-LT8582 Datasheet
368Kb / 8P
Dual 3A Boost/Inverting/SEPIC DC/DC Converter
logo
Maxim Integrated Produc...
MAX629 MAXIM-MAX629_V01 Datasheet
1Mb / 12P
28V, Low-Power, High-Voltage, Boost or Inverting DC-DC Converter
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com