Electronic Components Datasheet Search
  English  ▼

X  

MAX629ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX629ESA
Description  28V, Low-Power, High-Voltage, Boost or Inverting DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX629ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX629ESA Datasheet HTML 1Page - Maxim Integrated Products MAX629ESA Datasheet HTML 2Page - Maxim Integrated Products MAX629ESA Datasheet HTML 3Page - Maxim Integrated Products MAX629ESA Datasheet HTML 4Page - Maxim Integrated Products MAX629ESA Datasheet HTML 5Page - Maxim Integrated Products MAX629ESA Datasheet HTML 6Page - Maxim Integrated Products MAX629ESA Datasheet HTML 7Page - Maxim Integrated Products MAX629ESA Datasheet HTML 8Page - Maxim Integrated Products MAX629ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
28V, Low-Power, High-Voltage,
Boost or Inverting DC-DC Converter
4
_______________________________________________________________________________________
700
600
0
0
1
SUPPLY CURRENT
vs. INPUT VOLTAGE
500
400
300
100
INPUT VOLTAGE (V)
2
3
4
5
200
VIN = VCC
ICC
IIN
IIN
1.255
1.250
1.230
0
20
40
REFERENCE VOLTAGE
vs. REFERENCE LOAD CURRENT
1.245
1.240
REFERENCE LOAD CURRENT (
µA)
60
80
100 120
140 160
1.235
VIN = VCC = 5V
C4 = 0.47
µF
OUTPUT VOLTAGE RIPPLE
VOUT = +24V, ILOAD = 5mA
A: ISET = VCC, 20mV/div
B: ISET = GND, 20mV/div
A
B
10
µs/div
SHUTDOWN TRANSIENT
(POSITIVE CONFIGURATION)
VCC = VIN = 5V, RL = 4kΩ
50ms/div
5V
SHDN
0V
24V
VOUT
0V
LOAD-TRANSIENT RESPONSE
(ISET = VCC, ILIM = 500mA)
VOUT = +24V, ISET = VCC
A: LOAD CURRENT, 0mA TO 5mA, 2.5mA/div
B: VOUT, AC-COUPLED, 10mV/div
A
5mA
0mA
B
200
µs/div
LOAD-TRANSIENT RESPONSE
(ISET = GND, ILIM = 250mA)
VOUT = +24V, ISET = GND
A: LOAD CURRENT, 0mA TO 5mA, 2.5mA/div
B: VOUT, AC-COUPLED, 10mV/div
A
0mA
5mA
B
100
µs/div
SHUTDOWN TRANSIENT
(NEGATIVE CONFIGURATION)
START-UP DELAY, VCC = VIN = 5V, ILOAD = 5mA
20ms/div
VCC = VIN = 5V, RL = 4kΩ
50ms/div
5V
0V
0V
VOUT
-20V
SHDN
____________________________Typical Operating Characteristics (continued)
(SHDN = VCC , CREF = 0.1µF, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com