Electronic Components Datasheet Search
  English  ▼

X  

MAX6301ESA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6301ESA
Description  5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6301ESA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6301ESA Datasheet HTML 4Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 5Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 6Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 7Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 8Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 9Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 10Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 11Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
__________Applications Information
Selecting the Reset and
Watchdog Timeout Capacitor
The reset timeout period is adjustable to accommodate
a variety of µP applications. Adjust the reset timeout
period (tRS) by connecting a specific value capacitor
(CSRT) between SRT and ground (Figure 3). Calculate
the reset timeout capacitor as follows:
CSRT = tRP ⁄ 2.67
with CSRT in pF and tRP in µs. CSRT must be a low-leak-
age (<10nA) type capacitor. Ceramic is recommended.
The watchdog timeout period is adjustable to accom-
modate a variety of µP applications. With this feature,
the watchdog timeout can be optimized for software
execution. The programmer can determine how often
the watchdog timer should be serviced. Adjust the
watchdog timeout period (tWD) by connecting a specif-
ic value capacitor (CSWT) between SWT and ground
(Figure 3). For normal-mode operation, calculate the
watchdog timeout capacitor as follows:
CSWT = tWD ⁄ 2.67
where CSWT is in pF and tWD is in µs. CSRT must be a
low leakage (<10nA) type capacitor. Ceramic is recom-
mended.
Monitoring Voltages Other than VCC
The
Typical Operating Circuit monitors VCC. However,
monitoring other voltages is simple, and Figure 4 shows
a circuit that accomplishes this. Calculate VRST as
shown in the
Reset Threshold section.
Wake-Up Timer
In some applications, it is advantageous to put a µP
into sleep mode, periodically “wake it up” to perform
checks and/or tasks, then put it back into sleep mode.
The MAX6301 family supervisors can easily accommo-
date this technique. Figure 5 illustrates an example
using the MAX6302 and an 80C51.
In Figure 5, just before the µC puts itself into sleep
mode, it pulls WDS high. The µC’s I/O pins maintain
their logic levels while in sleep mode and WDS remains
high. This places the MAX6302 in extended mode,
increasing the watchdog timeout 500 times. When the
watchdog timeout period ends, a reset is applied on
the 80C51, “waking it up” to perform tasks. While the µP
is performing tasks, the 80C51 pulls WDS low (select-
ing normal mode), and the MAX6302 monitors the µP
for hang-ups. When the µP finishes its tasks, it puts
itself back into sleep mode, drives WDS high, and
starts the cycle over again. This is a power-saving tech-
nique, since the µP is operating only part of the time
and the MAX6302 has very low quiescent current.
Adding a Manual Reset Function
A manual reset option can easily be implemented by
connecting a normally open momentary switch in paral-
lel with R2 (Figure 6). When the switch is closed, the
voltage on RESET IN goes to zero, initiating a reset.
When the switch is released, reset remains asserted for
the reset timeout period and then is cleared. The push-
button switch is effectively debounced by the reset
timer.
+5V, Low-Power µP Supervisory Circuits
with Adjustable Reset/Watchdog
8
_______________________________________________________________________________________
0.1µF
MAX6301
MAX6302
MAX6303
MAX6304
VCC
RESET IN
R2
R1
VIN
VRST = 1.22
(R1 + R2)
R2
VCC
Figure 4. Monitoring a Voltage Other than VCC
MAX6302
VCC
RESET
WDI
WDS
VCC
I/O
I/O
I/O
GND
80C51
VCC
VCC
GND
RST
* THREE-STATE LEAKAGE MUST BE <10µA.
*
Figure 5. Wake-Up Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com