Electronic Components Datasheet Search
  English  ▼

X  

MAX6301ESA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6301ESA
Description  5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6301ESA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6301ESA Datasheet HTML 4Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 5Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 6Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 7Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 8Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 9Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 10Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 11Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
_____________Layout Considerations
SRT and SWT are precision current sources. When
developing the layout for the application, be careful to
minimize board capacitance and leakage currents
around these pins. Traces connected to these pins
should be kept as short as possible. Traces carrying
high-speed digital signals and traces with large voltage
potentials should be routed as far from these pins as
possible. Leakage currents and stray capacitance (e.g.,
a scope probe) at these pins could cause errors in the
reset and/or watchdog timeout period. When evaluating
these parts, use clean prototype boards to ensure accu-
rate reset and watchdog timeout periods.
RESET IN is a high-impedance input which is typically
driven by a high-impedance resistor-divider network
(e.g., 1M
Ω to 10MΩ). Minimize coupling to transient
signals by keeping the connections to this input short.
Any DC leakage current at RESET IN (e.g., a scope
probe) causes errors in the programmed reset thresh-
old. Note that sensitive pins are located on the GND
side of the device, away from the digital I/O, to simplify
board layout.
___________________Chip Information
+5V, Low-Power µP Supervisory Circuits
with Adjustable Reset/Watchdog
______________________________________________________________________________________
11
__Ordering Information (continued)
PART
MAX6302CPA
MAX6302CSA
MAX6302CUA
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
8 Plastic DIP
8 SO
8 µMAX
MAX6302EPA
MAX6302ESA
-40°C to +85°C
-40°C to +85°C
8 Plastic DIP
8 SO
MAX6303CPA
0°C to +70°C
8 Plastic DIP
MAX6303CSA
0°C to +70°C
8 SO
MAX6303CUA
0°C to +70°C
8 µMAX
MAX6303EPA
-40°C to +85°C
8 Plastic DIP
MAX6303ESA
-40°C to +85°C
8 SO
MAX6304CPA
0°C to +70°C
8 Plastic DIP
MAX6304CSA
0°C to +70°C
8 SO
MAX6304CUA
0°C to +70°C
8 µMAX
MAX6304EPA
-40°C to +85°C
8 Plastic DIP
MAX6304ESA
-40°C to +85°C
8 SO
TRANSISTOR COUNT: 580



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com