Electronic Components Datasheet Search
  English  ▼

X  

MAX6301ESA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6301ESA
Description  5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6301ESA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6301ESA Datasheet HTML 4Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 5Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 6Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 7Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 8Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 9Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 10Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 11Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Ensuring a Valid
RESET/RESET Output
Down to VCC = 0V (MAX6303/MAX6304)
When VCC falls below 1V, RESET/RESET current sink-
ing (sourcing) capabilities decline drastically. In the
case of the MAX6303, high-impedance CMOS-logic
inputs connected to
RESET can drift to undetermined
voltages. This presents no problem in most applica-
tions, since most µPs and other circuitry do not operate
with VCC below 1V.
In those applications where
RESET must be valid down
to 0V, adding a pull-down resistor between
RESET and
ground sinks any stray leakage currents, holding
RESET low (Figure 9). The value of the pull-down resis-
tor is not critical; 100k
Ω is large enough not to load
RESET and small enough to pull RESET to ground. For
applications using the MAX6304, a 100k
Ω pull-up resis-
tor between RESET and VCC will hold RESET high when
VCC falls below 1V (Figure 10).
Watchdog-Software Considerations
To help the watchdog timer monitor software execution
more closely, set and reset the watchdog input at differ-
ent points in the program, rather than “pulsing” the
watchdog input high-low-high or low-high-low. This
technique avoids a “stuck” loop in which the watchdog
timer would continue to be reset within the loop, keep-
ing the watchdog from timing out.
Figure 11 shows an example of a flow diagram where
the I/O driving the watchdog input is set high at the
beginning of the program, set low at the beginning of
every subroutine or loop, then set high again when the
program returns to the beginning. If the program should
“hang” in any subroutine the problem would quickly be
corrected, since the I/O is continually set low and the
watchdog timer is allowed to time out, causing a reset
or interrupt to be issued. When using extended mode,
as described in the
Watchdog Input Current section,
this scheme does result in higher average WDI input
current than does the method of leaving WDI low for the
majority of the timeout period and periodically pulsing it
low-high-low.
+5V, Low-Power µP Supervisory Circuits
with Adjustable Reset/Watchdog
10
______________________________________________________________________________________
MAX6303
VCC
RESET
VCC
GND
0.1µF
100k
Figure 9. Ensuring
RESET Valid to VCC = 0V
MAX6304
VCC
RESET
GND
VCC
100k
0.1µF
Figure 10. Ensuring RESET Valid to VCC = 0V
START
SET WDI
LOW
SUBROUTINE OR
PROGRAM LOOP
SET WDI HIGH
RETURN
END
Figure 11. Watchdog Flow Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com