Electronic Components Datasheet Search
  English  ▼

X  

MAX6301ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6301ESA
Description  5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6301ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6301ESA Datasheet HTML 4Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 5Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 6Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 7Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 8Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 9Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 10Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 11Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Interfacing to µPs with
Bidirectional Reset Pins
Since
RESET is open-drain, the MAX6301 interfaces
easily with µPs that have bidirectional reset pins, such
as the Motorola 68HC11 (Figure 7). Connecting
RESET
directly to the µP’s reset pin with a single pull-up allows
either device to assert reset.
Negative-Going VCC Transients
In addition to issuing a reset to the µP during power-up,
power-down, and brownout conditions, these supervisors
are relatively immune to short-duration negative-going
transients (glitches). The graph Maximum Transient
Duration vs. Reset Threshold Overdrive in the
Typical
Operating Characteristics shows this relationship.
The area below the curves of the graph is the region in
which these devices typically do not generate a reset
pulse. This graph was generated using a negative-
going pulse applied to VIN, starting above the actual
reset threshold (VRST) and ending below it by the mag-
nitude indicated (reset-threshold overdrive). As the
magnitude of the transient increases (farther below the
reset threshold), the maximum allowable pulse width
decreases. Typically, a VCC transient that goes 100mV
below the reset threshold and lasts 50µs or less will not
cause a reset pulse to be issued.
Watchdog Input Current
Extended Mode
In extended mode (WDS = VCC), the WDI input is inter-
nally driven through a buffer and series resistor from
the watchdog counter (Figure 8). When WDI is left
unconnected, the watchdog timer is serviced within the
watchdog timeout period by a very brief low-high-low
pulse from the counter chain. For minimum watchdog
input current (minimum overall power consumption),
leave WDI low for the majority of the watchdog timeout
period, pulsing it low-high-low (>30ns) once within the
period to reset the watchdog timer. If instead WDI is
externally driven high for the majority of the timeout
period, typically 70µA can flow into WDI.
Normal Mode
In normal mode (WDS = GND), the internal buffer that
drives WDI is disabled. In this mode, WDI is a standard
CMOS input and leakage current is typically 100pA,
regardless of whether WDI is high or low.
+5V, Low-Power µP Supervisory Circuits
with Adjustable Reset/Watchdog
_______________________________________________________________________________________
9
0.1µF
MAX6301
MAX6302
MAX6303
MAX6304
VCC
RESET IN
R2
R1
VCC
Figure 6. Adding a Manual Reset Function
MAX6301
VCC
RESET
VCC
VCC
RESET
GND
µP
RESET TO
OTHER SYSTEM
COMPONENTS
0.1µF
4.7k
Figure 7. Interfacing to µPs with Bidirectional Reset I/O Pins
MAX6301
MAX6302
MAX6303
MAX6304
WATCHDOG
TIMER
TO RESET
GENERATOR
TO MODE
CONTROL
WDI
WDS
Figure 8. Watchdog Input Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com