Electronic Components Datasheet Search
  English  ▼

X  

IRS2500S Datasheet(PDF) 6 Page - International Rectifier

Part # IRS2500S
Description  TRANSITION MODE PFC CONTROL IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2500S Datasheet(HTML) 6 Page - International Rectifier

Back Button IRS2500S Datasheet HTML 2Page - International Rectifier IRS2500S Datasheet HTML 3Page - International Rectifier IRS2500S Datasheet HTML 4Page - International Rectifier IRS2500S Datasheet HTML 5Page - International Rectifier IRS2500S Datasheet HTML 6Page - International Rectifier IRS2500S Datasheet HTML 7Page - International Rectifier IRS2500S Datasheet HTML 8Page - International Rectifier IRS2500S Datasheet HTML 9Page - International Rectifier IRS2500S Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
IRS2500S
www.irf.com
© 2012 International Rectifier
6
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All
voltage parameters are absolute voltages referenced to COM, all currents are defined positive into any lead.
The thermal resistance and power dissipation ratings are measured under board mounted and still air
conditions.
Symbol
Definition
Min.
Max.
Unit
s
VCC
Supply Voltage
†
-0.3
VCLAMP
VOUT
Gate Driver Output Voltage
-0.3
VCC + 0.3
V
IOMAX
Maximum allowable output current (OUT) due to external
power transistor miller effect
-500
500
mA
ICC
VCC current
0
25
mA
VCOMP
COMP Pin Voltage
-0.3
VCC + 0.3
V
VOC
OC Pin Voltage
VVBUS
VBUS Pin Voltage
-0.3
7.0
VDC
VDC Pin Voltage
VZX
ZX Pin Voltage
ICOMP
COMP Pin Current
-5
5
mA
IZX
ZX Pin Current
IOC
OC Pin Current
PD
Package Power Dissipation @ TA
≤ +25ºC
---
0.625
W
R
θJA
Thermal Resistance, Junction to Ambient
---
128
ºC/W
TJ
Junction Temperature
-55
150
ºC
TS
Storage Temperature
-55
150
TL
Lead Temperature (soldering, 10 seconds)
---
300
Recommended Operating Conditions
For proper operation the device should be used within recommended conditions.
Symbol
Definition
Min.
Max.
Units
VCC
Supply Voltage
†
VCCUV+
VCLAMP
V
ICC
VCC Supply Current
0
10
mA
IOC
OC Pin Current
-1
1
IZX
ZX Pin Current
TJ
Junction Temperature
-25
125
ºC
†:
This IC contains a zener clamp structure between the chip VCC and COM which has a nominal breakdown voltage of 20V. This
supply pin should not be driven by a DC, low impedance power source greater than the VCLAMP specified in the Electrical
Characteristics section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com