Electronic Components Datasheet Search
  English  ▼

X  

IRS2500S Datasheet(PDF) 16 Page - International Rectifier

Part # IRS2500S
Description  TRANSITION MODE PFC CONTROL IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2500S Datasheet(HTML) 16 Page - International Rectifier

Back Button IRS2500S Datasheet HTML 12Page - International Rectifier IRS2500S Datasheet HTML 13Page - International Rectifier IRS2500S Datasheet HTML 14Page - International Rectifier IRS2500S Datasheet HTML 15Page - International Rectifier IRS2500S Datasheet HTML 16Page - International Rectifier IRS2500S Datasheet HTML 17Page - International Rectifier IRS2500S Datasheet HTML 18Page - International Rectifier IRS2500S Datasheet HTML 19Page - International Rectifier IRS2500S Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
IRS2500S
www.irf.com
© 2012 International Rectifier
16
PFC Design Equations (for Boost Converter)
Step1: Calculate PFC inductor value:
VBUS
P
f
VAC
VAC
VBUS
L
OUT
MIN
MIN
MIN
PFC
⋅
⋅
⋅
⋅
⋅
⋅
−
=
2
)
2
(
2
η
[Henries]
(1)
where,
VBUS
= DC bus voltage
MIN
VAC
= Minimum rms AC input voltage
η
= PFC efficiency (typically 0.95)
MIN
f
= Minimum PFC switching frequency at minimum AC input voltage
OUT
P
= Ballast output power
Step 2: Calculate peak PFC inductor current:
η
⋅
⋅
⋅
=
MIN
OUT
PK
VAC
P
i
2
2
[Amps Peak]
(2)
Note: The PFC inductor must not saturate at
PK
i
over the specified ballast operating temperature range. Proper core sizing
and air-gapping should be considered in the inductor design.
Step 3: Calculate PFC over-current resistor ROC value:
PK
OC
i
VOCTH
R
=
where VOCTH = 1.1V
[Ohms]
(3)
Step 4: Calculate start-up resistor RVCC value:
IQCCUV
VAC
R
PK
MIN
VCC
10
+
=
[Ohms]
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com