Electronic Components Datasheet Search
  English  ▼

X  

IRS2500S Datasheet(PDF) 7 Page - International Rectifier

Part # IRS2500S
Description  TRANSITION MODE PFC CONTROL IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2500S Datasheet(HTML) 7 Page - International Rectifier

Back Button IRS2500S Datasheet HTML 3Page - International Rectifier IRS2500S Datasheet HTML 4Page - International Rectifier IRS2500S Datasheet HTML 5Page - International Rectifier IRS2500S Datasheet HTML 6Page - International Rectifier IRS2500S Datasheet HTML 7Page - International Rectifier IRS2500S Datasheet HTML 8Page - International Rectifier IRS2500S Datasheet HTML 9Page - International Rectifier IRS2500S Datasheet HTML 10Page - International Rectifier IRS2500S Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
IRS2500S
www.irf.com
© 2012 International Rectifier
7
Electrical Characteristics
VCC = 14 V +/- 0.25 V, COUT=1000 pF, CVCC=0.1 μF, TA=25 °C unless otherwise specified.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
Supply Characteristics
VCCUV+
VCC Supply Undervoltage Positive Going
Threshold
11.5
12.5
13.5
VCCUV-
VCC Supply Undervoltage Negative Going
Threshold
9.5
10.5
11.5
VUVHYS
VCC Supply Undervoltage Lockout
Hysteresis
1.5
2.0
3.0
IQCCUV
UVLO Mode VCC Quiescent Current
---
30
---
uA
VCC = 8V
ICC
VCC Supply Current
---
2.3
5.0
mA
VBUS=2.5V
PFC off time =
5us
VCLAMP VCC Zener Clamp Voltage
---
20.0
---
V
ICC = 10mA
Error Amplifier Characteristics
ICOMP
SOURCE
COMP Pin Error Amplifier Output Current
Sourcing
---
10
---
mA
VVBUS = 2.4V
VCOMP=4.0V
ICOMP
SINK
COMP Pin Error Amplifier Output Current
Sinking
---
-23
---
VVBUS = 2.6V
VCOMP=4.0V
VCOMPOH
Error Amplifier Output Voltage Swing (high
state)
---
6.0
---
V
VBUS=2.0V
ICOMP=-0.5mA
VCOMPOL
Error Amplifier Output Voltage Swing (low
state)
---
0.25
---
VBUS=3.0V
ICOMP=+0.5mA
VCOMPFL
T
Error Amplifier Output Voltage in Fault
Mode
---
0
---
VBUS=3.0V
IVBUS
Input bias current
---
---
-1
uA
VBUS=0 to 3V
Gv
Voltage gain
60
80
---
dB
Open loop
GB
Bandwidth
---
1
---
MHz
Control Characteristics
VVBUS
VBUS Internal Reference Voltage
2.46
2.5
2.54
V
VCOMP = 4.0V
VZX+
ZX Pin Threshold Voltage (Arm)
---
1.6
---
VZX-
ZX Pin Threshold Voltage (Trigger)
---
0.7
---
VZXclamp ZX pin Clamp Voltage (high state)
---
5.2
---
IZX = 1mA
VDCclamp VDC pin Clamp Voltage
---
5.2
---
IDC = 1mA
tBLANK
OC pin current-sensing blank time
---
320
---
ns
VBUS=2.5V
VCOMP=4.0V
tWD
PFC Watch-dog Pulse Interval
---
400
---
us
ZX = 0,VCOMP =
4.0V
tONMIN
PFC Minimum ON time
---
0.3
---
us
ZX = 0,VCOMP =
0.25V
tONMAX
PFC Maximum ON Time
10
50
---
us
ZX = 0,VCOMP =
6.0V,
VDC = 2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com