Electronic Components Datasheet Search
  English  ▼

X  

IRS2500S Datasheet(PDF) 8 Page - International Rectifier

Part # IRS2500S
Description  TRANSITION MODE PFC CONTROL IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2500S Datasheet(HTML) 8 Page - International Rectifier

Back Button IRS2500S Datasheet HTML 4Page - International Rectifier IRS2500S Datasheet HTML 5Page - International Rectifier IRS2500S Datasheet HTML 6Page - International Rectifier IRS2500S Datasheet HTML 7Page - International Rectifier IRS2500S Datasheet HTML 8Page - International Rectifier IRS2500S Datasheet HTML 9Page - International Rectifier IRS2500S Datasheet HTML 10Page - International Rectifier IRS2500S Datasheet HTML 11Page - International Rectifier IRS2500S Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
IRS2500S
www.irf.com
© 2012 International Rectifier
8
Electrical Characteristics (cont’d)
VCC = 14V +/- 0.25V, COUT = 1000pF,
VCOMP = VOC = VBUS = VZX = 0V, TA=25C unless otherwise specified.
Protection Circuitry Characteristics
VOCTH
OC Pin Over-current Sense Threshold
0.93
1.1
1.22
V
VVBUSOV
VBUS Over-voltage Comparator
Threshold
2.7
Guaranteed by
design
VVBUSOV
HYS
VBUS Over-voltage Comparator
Hysteresis
50
100
150
mV
Guaranteed by
design
ICOMPOV+
Dynamic Over-voltage detection
threshold
30
uA
ICOMPOV-
Dynamic Over-voltage detection reset
8
Gate Driver Output Characteristics
VOL
Low-Level Output Voltage
---
0
100
mV
IO = 0
VOH
High-Level Output Voltage
---
0
11
V
IO = 0
tr
Turn-On Rise Time
---
60
110
ns
tf
Turn-Off Fall Time
---
30
70
I0+
Source Current
---
500
---
mA
I0-
Sink Current
---
500
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com