Electronic Components Datasheet Search
  English  ▼

X  

MAX667 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX667
Description  5V/Programmable Low-Dropout Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX667 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX667 Datasheet HTML 1Page - Maxim Integrated Products MAX667 Datasheet HTML 2Page - Maxim Integrated Products MAX667 Datasheet HTML 3Page - Maxim Integrated Products MAX667 Datasheet HTML 4Page - Maxim Integrated Products MAX667 Datasheet HTML 5Page - Maxim Integrated Products MAX667 Datasheet HTML 6Page - Maxim Integrated Products MAX667 Datasheet HTML 7Page - Maxim Integrated Products MAX667 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
+5V/Programmable Low-Dropout
Voltage Regulator
_______________________________________________________________________________________
3
1000
1
1
10
100
1000
DROPOUT VOLTAGE
vs. LOAD CURRENT
10
100
LOAD CURRENT (mA)
QUIESCENT CURRENT
vs. LOAD CURRENT
10
100
1000
10,000
100,000
0.01
0.1
1
10
100
1000
LOAD CURRENT (mA)
VIN = +6V
1000
1
0
50
150
250
10
100
100
200
DD OUTPUT CURRENT
vs. INPUT-OUTPUT DIFFERENCE
INPUT-OUTPUT DIFFERENCE (mV)
5 10
1
20 50 100mA LOAD
2
__________________________________________Typical Operating Characteristics
_____________________Pin Description
_______________Detailed Description
Figure 1 shows a micropower bandgap reference, an
error amplifier, a PNP pass transistor, and two com-
parators as the main elements of the MAX667. One
comparator, C1, selects the fixed 5V or adjustable
operation with an external voltage divider. The other
comparator, C2, is a low-battery detector.
The bandgap reference, which is trimmed to 1.22V,
connects internally to one input of the error amplifier,
A1. The feedback signal from the regulator output sup-
plies the other input of A1 from either an on-chip volt-
age divider or two external resistors. When SET is
grounded, the internal divider provides the error ampli-
fier feedback signal for a fixed 5V output. When SET is
more than 50mV above ground, the error amplifier’s
input switches directly to SET while an external resistor
divider from OUT determines the output voltage.
A second comparator, C2, compares the LBI input to
the internal reference voltage. LBO is an open-drain
FET connected to GND. The low-battery threshold can
also be set with a voltage divider at LBI. In addition, the
MAX667 has a shutdown input (SHDN) that disables
the load and the device while reducing quiescent cur-
rent when it is pulled high.
+5V Output
Figure 2 shows the connection for a fixed 5V output.
The SET input is grounded, and no external resistors
are required. Figure 3 shows adjustable output opera-
tion. R1 and R2 set the output voltage. SHDN should be
grounded if not used.
(Output) Voltage Set, CMOS Input.
Connect to GND for 5V output. For
other voltages, connect external resis-
tive divider from OUT.
SET
6
Low-Battery Output. An open-drain N-
channel transistor that sinks current to
GND when LBI is less than 1.22V.
LBO
7
Positive Input Voltage (unregulated)
IN
8
Regulated Output Voltage. OUT falls
to 0V when SHDN is above 1.5V. SET
determines output voltage when SET
is above 50mV; otherwise, it is 5V.
OUT must be connected to an output
filter capacitor.
OUT
2
Low-Battery Detector. A CMOS input
to an internal 1.255V comparator
whose output is the LBO pin.
LBI
3
Ground
GND
4
Shutdown Input. Connect to GND for
normal operation (output active). Pull
above 1.5V to disable OUT, LBO, and
DD and to reduce quiescent current to
less than 1µA.
SHDN
5
PIN
Dropout Detector Output—the collec-
tor of a PNP pass transistor. Normally
an open circuit, it sources current as
dropout is reached.
DD
1
FUNCTION
NAME
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com