Electronic Components Datasheet Search
  English  ▼

X  

MAX667 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX667
Description  5V/Programmable Low-Dropout Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX667 Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX667 Datasheet HTML 1Page - Maxim Integrated Products MAX667 Datasheet HTML 2Page - Maxim Integrated Products MAX667 Datasheet HTML 3Page - Maxim Integrated Products MAX667 Datasheet HTML 4Page - Maxim Integrated Products MAX667 Datasheet HTML 5Page - Maxim Integrated Products MAX667 Datasheet HTML 6Page - Maxim Integrated Products MAX667 Datasheet HTML 7Page - Maxim Integrated Products MAX667 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PNP transistor is turned on fully as regulation is lost.
Even with a load current of a few microamperes, the
base current will be driven above 5mA. Figure 8 shows
how
this
base
current
may
be
significant.
Consequently, a mostly discharged battery can be fur-
ther discharged at end-of-life.
Figure 6 shows how this condition can be modified by
connecting DD to SHDN with a 47k
Ω resistor, R1, par-
alleled with a 0.1µF capacitor to GND. This modifica-
tion reduces the no-load quiescent current to
approximately 160µA when dropout is reached (Figure
9), but increases the dropout voltage by about 0.1V.
The output voltage drops to approximately 3V once DD
begins to activate SHDN, but it does not fall to zero
because SHDN is only partially activated.
A second alternate connection (Figure 7) further
reduces quiescent current near the dropout voltage,
compared to the circuit in Figure 6. The output must be
set with external resistors (R1, R2), so DD lowers the
output voltage as the input voltage falls by sourcing
current into SET via R3. Quiescent current remains low
for inputs down to 3.5V, and peaks before falling to 0
at low input voltages. Although the current peak is
higher than with the connection in Figure 6, this may
be more useful because the quiescent current peaks
at an input voltage well below the useful range of most
batteries (Figure 9). Also, as IN falls below 5V, OUT
tracks IN minus the dropout voltage. This connection
still allows separate use of the SHDN input.
Power Dissipation
The MAX667 can regulate currents as high as 250mA
and withstand input-output differential voltages as high
as 15.2V, but not simultaneously. The maximum power
dissipation is dependent on the package and the tem-
perature (see
Absolute Maximum Ratings). Figure 10
shows the maximum output current at various input-
output differential voltages for the plastic DIP and SO
packages. The MAX667 can withstand short-circuit
loads up to 1 second.
Operation from AC Sources
The MAX667 is a micropower CMOS regulator intend-
ed principally for battery operation. When operating
from AC sources, consider power-supply ripple rejec-
tion. The MAX667’s error amplifier produces very low
gain bandwidth, and the input power-supply rejection
+5V/Programmable Low-Dropout
Voltage Regulator
_______________________________________________________________________________________
7
+5V/Programmable Low-Dropout
Voltage Regulator
VIN (V)
800
0
12
4
6
200
600
35
400
CIRCUIT OF
FIGURE 7
CIRCUIT OF
FIGURE 6
Figure 9. Quiescent Current Below Dropout with Connections
of Figures 6 and 7
VIN-VOUT (V)
400
0
015
100
300
200
10
5
GUARANTEED 250mA
DIP PACKAGE
DISSIPATION LIMIT
SO PACKAGE
DISSIPATION LIMIT
TA = +50˚C
Figure 10. MAX667 Load Current vs. Input-Output Differential
Voltage
Figure 11. Output Response to +4V/100
µs Input Step
+10V
1ms/div
+6V
INPUT
+2V/div
+5V OUTPUT
+0.2V/div



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com