Electronic Components Datasheet Search
  English  ▼

X  

MAX667 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX667
Description  5V/Programmable Low-Dropout Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX667 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX667 Datasheet HTML 1Page - Maxim Integrated Products MAX667 Datasheet HTML 2Page - Maxim Integrated Products MAX667 Datasheet HTML 3Page - Maxim Integrated Products MAX667 Datasheet HTML 4Page - Maxim Integrated Products MAX667 Datasheet HTML 5Page - Maxim Integrated Products MAX667 Datasheet HTML 6Page - Maxim Integrated Products MAX667 Datasheet HTML 7Page - Maxim Integrated Products MAX667 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
+5V/Programmable Low-Dropout
Voltage Regulator
4
_______________________________________________________________________________________
SHDN
LBO
LBI
+50mV
SET
OUT
DD
GND
IN
A1
C2
C1
1.255V REF
MAX667
Figure 1. MAX667 Block Diagram
MAX667
GND
SHDN
SET
OUT
+5V OUT
250mA
IN
8
64
5
2
C1
10
µF
Figure 2. Fixed +5V Regulator
MAX667
GND
SHDN
OUT
VOUT
IN
LBO
SET
LBI
8
7
3
54
2
6
R2
R1
R3
R4
C1
10
µF
N
VREF
Figure 3. Adjustable Output and Low-Battery Detector



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com