Electronic Components Datasheet Search
  English  ▼

X  

MAX667 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX667
Description  5V/Programmable Low-Dropout Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX667 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX667 Datasheet HTML 1Page - Maxim Integrated Products MAX667 Datasheet HTML 2Page - Maxim Integrated Products MAX667 Datasheet HTML 3Page - Maxim Integrated Products MAX667 Datasheet HTML 4Page - Maxim Integrated Products MAX667 Datasheet HTML 5Page - Maxim Integrated Products MAX667 Datasheet HTML 6Page - Maxim Integrated Products MAX667 Datasheet HTML 7Page - Maxim Integrated Products MAX667 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
put-capacitor ESR and this series resistance should, at
minimum, meet the requirements shown in Figure 4.
An upper limit to the output-capacitor ESR is important
only if step changes to the load are anticipated. Higher
ESR results in higher-amplitude output-voltage tran-
sients when the output current is varied. A Sanyo
OS-CON capacitor, whose ESR is nearly flat over tem-
perature (and is low to begin with), in series with the
appropriate resistor ensures the best load-transient
performance. A less expensive alternative is to use a
tantalum capacitor in series with the resistor.
In most cases, inexpensive aluminum-electrolytic
capacitors work well with the MAX667 over their entire
temperature range, having sufficient ESR to ensure sta-
bility without the need for a series resistor. The ESR of
aluminium electrolytics rises, often dramatically, as
temperature decreases. For surface-mount applica-
tions, certain tantalum capacitors have sufficient ESR;
an example is the TAJB106K016 chip capacitor made
by AVX (phone: (803) 448-9411, fax: (803) 448-1943).
Battery Drain
The MAX667 uses a PNP output transistor. When the
input voltage falls below the desired output voltage, the
+5V/Programmable Low-Dropout
Voltage Regulator
6
_______________________________________________________________________________________
MAX667
GND
SHDN
SET
OUT
R1
47k
DD
+5V OUT
IN
8
64
5
2
1
C1
10
µF
C2
0.1
µF
Figure 6. Quiescent-Current Reduction Below Dropout
MAX667
DD
GND
OUT
R3
1M
R1
332k
R2
1M
SET
+5V OUT
IN
8
41
2
6
C1
10
µF
SHDN
5
Figure 7. Connection for Minimum Quiescent Current Near
Dropout
10
0
0
1
2
3
456
2
INPUT VOLTAGE (V)
4
6
8
VSHDN = 0V
Figure 8. Quiescent Current Below Dropout for Circuit of
Figure 2
MAX667
SHDN
SET
GND
OUT
R
+5V OUT
IN
82
10
µF
64
5
Figure 5. Alternative Stability Scheme Using Resistor R



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com