Electronic Components Datasheet Search
  English  ▼

X  

MAX669 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX669
Description  1.8V to 28V Input, PWM Step-Up Controllers in 關MAX
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX669 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX669 Datasheet HTML 10Page - Maxim Integrated Products MAX669 Datasheet HTML 11Page - Maxim Integrated Products MAX669 Datasheet HTML 12Page - Maxim Integrated Products MAX669 Datasheet HTML 13Page - Maxim Integrated Products MAX669 Datasheet HTML 14Page - Maxim Integrated Products MAX669 Datasheet HTML 15Page - Maxim Integrated Products MAX669 Datasheet HTML 16Page - Maxim Integrated Products MAX669 Datasheet HTML 17Page - Maxim Integrated Products MAX669 Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
given output ripple. An inductance value larger than
LIDEAL may also be used, but output-filter capacitance
must be increased by the same proportion that L has to
LIDEAL. See the Capacitor Selection section for more
information on determining output filter values.
Due the MAX668/MAX669’s high switching frequencies,
inductors with a ferrite core or equivalent are recom-
mended. Powdered iron cores are
not recommended
due to their high losses at frequencies over 50kHz.
Determining Peak Inductor Current
The peak inductor current required for a particular out-
put is:
ILPEAK = ILDC + (ILPP / 2)
where ILDC is the average DC input current and ILPP is
the inductor peak-to-peak ripple current. The ILDC and
ILPP terms are determined as follows:
where VD is the forward voltage drop across the
Schottky rectifier diode (D1), and VSW is the drop
across the external FET, when on.
where L is the inductor value. The saturation rating of
the selected inductor should meet or exceed the calcu-
lated value for ILPEAK, although most coil types can be
operated up to 20% over their saturation rating without
difficulty. In addition to the saturation criteria, the induc-
tor should have as low a series resistance as possible.
For continuous inductor current, the power loss in the
inductor resistance, PLR, is approximated by:
PLR ≅ (IOUT x VOUT / VIN)2 x RL
where RL is the inductor series resistance.
Once the peak inductor current is selected, the current-
sense resistor (RCS) is determined by:
RCS = 85mV / ILPEAK
For high peak inductor currents (>1A), Kelvin sensing
connections should be used to connect CS+ and
PGND to RCS. PGND and GND should be tied together
at the ground side of RCS.
Power MOSFET Selection
The MAX668/MAX669 drive a wide variety of N-channel
power MOSFETs (NFETs). Since LDO limits the EXT
output gate drive to no more than 5V, a logic-level
NFET is required. Best performance, especially at low
input voltages (below 5V), is achieved with low-thresh-
old NFETs that specify on-resistance with a gate-
source voltage (VGS) of 2.7V or less. When selecting an
NFET, key parameters can include:
1) Total gate charge (Qg)
2) Reverse transfer capacitance or charge (CRSS)
3) On-resistance (RDS(ON))
4) Maximum drain-to-source voltage (VDS(MAX))
5) Minimum threshold voltage (VTH(MIN))
At high switching rates, dynamic characteristics (para-
meters 1 and 2 above) that predict switching losses
may have more impact on efficiency than RDS(ON),
which predicts DC losses. Qg includes all capacitances
associated with charging the gate. In addition, this
parameter helps predict the current needed to drive the
gate at the selected operating frequency. The continu-
ous LDO current for the FET gate is:
IGATE = Qg x fOSC
For example, the MMFT3055L has a typical Qg of 7nC
(at VGS = 5V); therefore, the IGATE current at 500kHz is
3.5mA. Use the FET manufacturer’s
typical value for Qg
in the above equation, since a maximum value (if sup-
plied) is usually too conservative to be of use in esti-
mating IGATE.
Diode Selection
The MAX668/MAX669’s high switching frequency
demands a high-speed rectifier. Schottky diodes are
recommended for most applications because of their
fast recovery time and low forward voltage. Ensure that
the diode’s average current rating is adequate using
the diode manufacturer’s data, or approximate it with
the following formula:
Also, the diode reverse breakdown voltage must
exceed VOUT. For high output voltages (50V or above),
Schottky diodes may not be practical because of this
voltage requirement. In these cases, use a high-speed
silicon rectifier with adequate reverse voltage.
Capacitor Selection
Output Filter Capacitor
The minimum output filter capacitance that ensures sta-
bility is:
where VIN(MIN) is the minimum expected input voltage.
Typically COUT(MIN), though sufficient for stability, will
C
(7.5V x L / L
)
(2 R
x V
x f
)
OUT(MIN)
IDEAL
CS
IN(MIN)
OSC
=
π
II
I- I
3
DIODE
OUT
LPEAK
OUT
=+
1.8V to 28V Input, PWM Step-Up
Controllers in µMAX
14
______________________________________________________________________________________
I
=
I
(V
+ V
(V
– V
LDC
OUT
OUT
D
IN
SW
)
)
I
=
(V
– V
) (V
+ V
– V )
L x f
(V
+ V )
LPP
IN
SW
OUT
D
IN
OSC
OUT
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com