Electronic Components Datasheet Search
  English  ▼

X  

MAX669 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX669
Description  1.8V to 28V Input, PWM Step-Up Controllers in 關MAX
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX669 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX669 Datasheet HTML 3Page - Maxim Integrated Products MAX669 Datasheet HTML 4Page - Maxim Integrated Products MAX669 Datasheet HTML 5Page - Maxim Integrated Products MAX669 Datasheet HTML 6Page - Maxim Integrated Products MAX669 Datasheet HTML 7Page - Maxim Integrated Products MAX669 Datasheet HTML 8Page - Maxim Integrated Products MAX669 Datasheet HTML 9Page - Maxim Integrated Products MAX669 Datasheet HTML 10Page - Maxim Integrated Products MAX669 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
1.8V to 28V Input, PWM Step-Up
Controllers in µMAX
_______________________________________________________________________________________
7
EXITING SHUTDOWN
OUTPUT
VOLTAGE
5V/div
INDUCTOR
CURRENT
2A/div
SHUTDOWN
VOLTAGE
5V/div
MAX668, VIN = 5V, VOUT = 12V, LOAD = 1.0A, ROSC = 100kΩ,
LOW VOLTAGE, NON-BOOTSTRAPPED
500
µs/div
0V
0V
0A
ENTERING SHUTDOWN
OUTPUT
VOLTAGE
5V/div
SHUTDOWN
VOLTAGE
5V/div
MAX668, VIN = 5V, VOUT = 12V, LOAD = 1.0A,
LOW VOLTAGE, NON-BOOTSTRAPPED
200
µs/div
0V
0V
HEAVY-LOAD SWITCHING WAVEFORM
VOUT
200mV/div
AC-COUPLED
IL
1A/div
Q1, DRAIN
5V/div
MAX668, VIN = 5V, VOUT = 12V, ILOAD = 1.0A,
LOW VOLTAGE, NON-BOOTSTRAPPED
1
µs/div
0V
0A
LOAD-TRANSIENT RESPONSE
OUTPUT
VOLTAGE
AC-COUPLED
100mV/div
LOAD
CURRENT
1A/div
MAX668, VIN = 5V, VOUT = 12V, ILOAD = 0.1A TO 1.0A,
LOW VOLTAGE, NON-BOOTSTRAPPED
1ms/div
LIGHT-LOAD SWITCHING WAVEFORM
VOUT
100mV/div
AC-COUPLED
IL
1A/div
Q1, DRAIN
5V/div
MAX668, VIN = 5V, VOUT = 12V, ILOAD = 0.1A,
LOW VOLTAGE, NON-BOOTSTRAPPED
1
µs/div
0V
0A
Typical Operating Characteristics (continued)
(Circuits of Figures 2, 3, 4, and 5; TA = +25°C; unless otherwise noted.)
LINE-TRANSIENT RESPONSE
INPUT
VOLTAGE
5V/div
0V
OUTPUT
VOLTAGE
100mV/div
AC-COUPLED
MAX668, VIN = 5V TO 8V, VOUT = 12V, LOAD = 1.0A,
HIGH VOLTAGE, NON-BOOTSTRAPPED
20ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com