Electronic Components Datasheet Search
  English  ▼

X  

MAX669 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX669
Description  1.8V to 28V Input, PWM Step-Up Controllers in 關MAX
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX669 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX669 Datasheet HTML 2Page - Maxim Integrated Products MAX669 Datasheet HTML 3Page - Maxim Integrated Products MAX669 Datasheet HTML 4Page - Maxim Integrated Products MAX669 Datasheet HTML 5Page - Maxim Integrated Products MAX669 Datasheet HTML 6Page - Maxim Integrated Products MAX669 Datasheet HTML 7Page - Maxim Integrated Products MAX669 Datasheet HTML 8Page - Maxim Integrated Products MAX669 Datasheet HTML 9Page - Maxim Integrated Products MAX669 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
1.8V to 28V Input, PWM Step-Up
Controllers in µMAX
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Circuits of Figures 2, 3, 4, and 5; TA = +25°C; unless otherwise noted.)
1.240
1.242
1.243
1.241
1.245
1.246
1.244
1.248
1.249
1.247
1.250
-40
-20
0
20
40
60
80
100
REFERENCE VOLTAGE vs.
TEMPERATURE
TEMPERATURE (
°C)
VCC = 5V
0
100
150
50
250
300
200
400
450
350
500
0
100
200
300
400
500
SWITCHING FREQUENCY vs. ROSC
ROSC (kΩ)
VCC = 5V
0
100
300
400
500
600
-40
0
-20
20
40
60
80
100
SWITCHING FREQUENCY vs.
TEMPERATURE
TEMPERATURE (
°C)
200
100k
Ω
165k
Ω
499k
Ω
VIN = 5V
100
1000
10,000
EXT RISE/FALL TIME vs.
CAPACITANCE
CAPACITANCE (pF)
60
0
10
20
30
40
50
tR, VCC = 3.3V
tF, VCC = 3.3V
tR, VCC = 5V
tF, VCC = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com