Electronic Components Datasheet Search
  English  ▼

X  

US3702 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # US3702
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US3702 Datasheet(HTML) 4 Page - Unisonic Technologies

  US3702 Datasheet HTML 1Page - Unisonic Technologies US3702 Datasheet HTML 2Page - Unisonic Technologies US3702 Datasheet HTML 3Page - Unisonic Technologies US3702 Datasheet HTML 4Page - Unisonic Technologies US3702 Datasheet HTML 5Page - Unisonic Technologies US3702 Datasheet HTML 6Page - Unisonic Technologies US3702 Datasheet HTML 7Page - Unisonic Technologies US3702 Datasheet HTML 8Page - Unisonic Technologies US3702 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
US3702
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R119-022.c
Feedback Source Current
IFB
VFB=0
2
mA
VFB Open Level
VFBMAX
5.0
V
Burst-Mode Out FB Voltage
VFB(OUT) VCS =0
1.2
V
Reduce-Frequency end FB Voltage
VFB(END) VCS =0
2.4
V
Burst-Mode Enter FB Voltage
VFB(IN)
VCS =0
1.0
V
Switching
frequency
Normal initial
F(SW)
VFB=4V
69
75
81
kHz
Power-Saving
Before enter burst mode
20
kHz
Duty Cycle
DMAX
VFB=4V,vCS=0
70
75
80
%
Frequency Hopping
△
FJ(SW)
±3
±4.5
±6
%
Frequency Variation VS VCC Deviation
FDV
VCC=10~20V
5
%
Frequency
Variation
VS
Temperature
Deviation
FDT
T=-25~105°C
5
%
Soft-Start Time
TSoftS
2
4
6
ms
PROTECTION SECTION
OVP threshold
VOVP
VFB=4V
23
V
OLP threshold
VFB(OLP)
VCS=0
4.7
V
Delay Time Of OLP
TD-OLP
35
65
95
ms
OTP threshold
T(THR)
130
145
°C
CURRENT LIMITING SECTION
Peak Current Limitation
ILIM
VFB=4.4V
1.06
1.2
1.34
A
Threshold Voltage For Valley
ILIM-L
VFB=4.4V
1.14
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com