Electronic Components Datasheet Search
  English  ▼

X  

US3702 Datasheet(PDF) 9 Page - Unisonic Technologies

Part # US3702
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US3702 Datasheet(HTML) 9 Page - Unisonic Technologies

  US3702 Datasheet HTML 1Page - Unisonic Technologies US3702 Datasheet HTML 2Page - Unisonic Technologies US3702 Datasheet HTML 3Page - Unisonic Technologies US3702 Datasheet HTML 4Page - Unisonic Technologies US3702 Datasheet HTML 5Page - Unisonic Technologies US3702 Datasheet HTML 6Page - Unisonic Technologies US3702 Datasheet HTML 7Page - Unisonic Technologies US3702 Datasheet HTML 8Page - Unisonic Technologies US3702 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
US3702
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 9
www.unisonic.com.tw
QW-R119-022.c
TYPICAL APPLICATION CIRCUIT
F1
LINE
NEUT
8
9
10
1
2
3
4
L2
5V/2.4A
GND
1
4
7
IC1
6
7
4
3
1
2
L1
1
2
3
4
T1
IC3
IC2
BD1
t
°
ZNR1
1
2
3
4
TR1
SGND
DRAIN
DRAIN
FB
8
3
VCC
XC1
R1
R2
C1
R4
R3
D1
C2
YC1
R5
C8
C4
D2
C5
C10
C7
D3
C3
R6
C9
R12
R7
R8
R9
6
DRAIN
PGND
2
C11
Fig.10 UTC US3702 Typical Application Circuit
Table1. Components reference description for UTC US3702 application circuit
DESIGNATOR
PART TYPE
DESIGNATOR
PART TYPE
DESIGNATOR
PART TYPE
C1
33μF
R1
2.2MΩ
D1
FR107
C2
202pF
R2
2.2MΩ
D2
SB540
C3
22μF
R3
100KΩ
D3
RS1D
C4
470μF
R4
1MΩ
IC1
US3702
C5
470μF
R5
15Ω
IC2
PC-817
C6
0.1μF
R6
820Ω
IC3
TL431
C7
102pF
R7
1KΩ
YC1
222
C8
0.001μF
R8
22KΩ
T1
EE25
C9
0.1μF
R9
22KΩ
L1
UU10.5
C10
220μF
R10
15~25MΩ
L2
2μH
C11
1μF (Optional)
R11
68KΩ
F1
2A/250V
R12
2KΩ
ZNR1
7D471K
TR1
SCK102R55A
XC1
334/275V
BD1
KBP205
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com