Electronic Components Datasheet Search
  English  ▼

X  

US3702 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US3702
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US3702 Datasheet(HTML) 1 Page - Unisonic Technologies

  US3702 Datasheet HTML 1Page - Unisonic Technologies US3702 Datasheet HTML 2Page - Unisonic Technologies US3702 Datasheet HTML 3Page - Unisonic Technologies US3702 Datasheet HTML 4Page - Unisonic Technologies US3702 Datasheet HTML 5Page - Unisonic Technologies US3702 Datasheet HTML 6Page - Unisonic Technologies US3702 Datasheet HTML 7Page - Unisonic Technologies US3702 Datasheet HTML 8Page - Unisonic Technologies US3702 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US3702
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 9
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R119-022.c
HIGH PERFORMANCE
CURRENT MODE POWER
SWITCH WITH ZERO
CURRENT DETECTION
DESCRIPTION
The UTC US3702 is an integrated PWM controller and
SenseFET specifically designed for switching operation with
minimal external components. The UTC US3702 is designed to
provide several special enhancements to satisfy the needs, for
example, Power-Saving mode for low standby power (<0.3W),
Frequency Hopping , Constant Output Power Limiting , Slope
Compensation ,Over Current Protection (OCP), Over Voltage
Protection (OVP), Over Load Protection (OLP), Under Voltage
Lock Out (UVLO), Short Circuit Protection (SCP) , Over
Temperature Protection (OTP) etc. IC will be shutdown or can
auto-restart in situations.
FEATURE
* Internal high voltage SenseFET(700V)
* Frequency hopping for Improved EMI performance.
* Lower than 0.3W standby power design
* Linearly decreasing frequency to 26KHz during light load
* Internal soft start
* Internal slope compensation
* Constant power limiting for universal AC input range
* Gate output maximum voltage clamp(15V)
* Over temperature protection
* Overload protection
* Over voltage protection
* Leading edge blanking
* Cycle-by-cycle current limiting
* Under voltage lock out
* Short circuit protection
DIP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
US3702L-D08-T
US3702G-D08-T
DIP-8
Tube
(1) T: Tube
(2) D08: DIP-8
(3) L: Lead Free, G: Halogen Free and Lead Free
US3702L-D08-T
(1)Packing Type
(2)Package Type
(3)Green Package


Similar Part No. - US3702

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US3706 UTC-US3706 Datasheet
329Kb / 8P
CURRENT MODE PWM POWER SWITCH
US3706G-TF6-T UTC-US3706G-TF6-T Datasheet
329Kb / 8P
CURRENT MODE PWM POWER SWITCH
US3706L-TF6-T UTC-US3706L-TF6-T Datasheet
329Kb / 8P
CURRENT MODE PWM POWER SWITCH
More results

Similar Description - US3702

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPS702 UTC-UPS702 Datasheet
529Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS703 UTC-UPS703 Datasheet
560Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS601 UTC-UPS601_15 Datasheet
605Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS602 UTC-UPS602_15 Datasheet
582Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS703 UTC-UPS703_15 Datasheet
560Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS3652 UTC-UPS3652_15 Datasheet
432Kb / 9P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS1651S UTC-UCS1651S Datasheet
288Kb / 8P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS1704S UTC-UCS1704S Datasheet
301Kb / 10P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS17005S UTC-UCS17005S Datasheet
300Kb / 10P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
US1602 UTC-US1602 Datasheet
369Kb / 10P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com