Electronic Components Datasheet Search
  English  ▼

X  

US3702 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # US3702
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US3702 Datasheet(HTML) 5 Page - Unisonic Technologies

  US3702 Datasheet HTML 1Page - Unisonic Technologies US3702 Datasheet HTML 2Page - Unisonic Technologies US3702 Datasheet HTML 3Page - Unisonic Technologies US3702 Datasheet HTML 4Page - Unisonic Technologies US3702 Datasheet HTML 5Page - Unisonic Technologies US3702 Datasheet HTML 6Page - Unisonic Technologies US3702 Datasheet HTML 7Page - Unisonic Technologies US3702 Datasheet HTML 8Page - Unisonic Technologies US3702 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
US3702
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R119-022.c
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER MOS-transistor SECTION
Drain-Source Breakdown Voltage
VDSS
VGS=0V, ID=250mA
700
V
Turn-on voltage between gate and source
VTH
VDS=VGS, ID=250mA
2
4
V
Drain-Source Diode Continuous Source
Current
IS
2
A
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=2.25A
5
Ω
Rise Time
TR
VDD=300V, ID=4.0A
RG=25Ω (Note 1,2)
45
100
NS
Fall Time
TF
35
80
NS
Notes: 1. Pulse Test: Pulse width≤300μs, Duty cycle≤2%
2. Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com