Electronic Components Datasheet Search
  English  ▼

X  

US3706 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # US3706
Description  CURRENT MODE PWM POWER SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US3706 Datasheet(HTML) 2 Page - Unisonic Technologies

  US3706 Datasheet HTML 1Page - Unisonic Technologies US3706 Datasheet HTML 2Page - Unisonic Technologies US3706 Datasheet HTML 3Page - Unisonic Technologies US3706 Datasheet HTML 4Page - Unisonic Technologies US3706 Datasheet HTML 5Page - Unisonic Technologies US3706 Datasheet HTML 6Page - Unisonic Technologies US3706 Datasheet HTML 7Page - Unisonic Technologies US3706 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
US3706
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R129-001.b
MARKING
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
DRAIN
HV MOSFET Drain Pin. The Drain pin is connected to the primary lead of the
transformer.
2
VDD
Supply voltage
3
Source
HV MOSFET Source Pin.
4
RT
Connected through a NTC resistor to ground for over temperature protection.
5
FB
Feedback input pin. The PWM duty cycle is determined by voltage level into this pin and
the current-sense signal at Pin 3.
6
GND
Ground
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com