Electronic Components Datasheet Search
  English  ▼

X  

US3706 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US3706
Description  CURRENT MODE PWM POWER SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US3706 Datasheet(HTML) 1 Page - Unisonic Technologies

  US3706 Datasheet HTML 1Page - Unisonic Technologies US3706 Datasheet HTML 2Page - Unisonic Technologies US3706 Datasheet HTML 3Page - Unisonic Technologies US3706 Datasheet HTML 4Page - Unisonic Technologies US3706 Datasheet HTML 5Page - Unisonic Technologies US3706 Datasheet HTML 6Page - Unisonic Technologies US3706 Datasheet HTML 7Page - Unisonic Technologies US3706 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US3706
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R129-001.b
CURRENT MODE PWM POWER
SWITCH
DESCRIPTION
The UTC US3706 combines a dedicated current mode PWM
controller with a high voltage power MOSFET. Low VDD startup
current make the power reliable on startup design and a large
value resistor could be used in the startup circuit to minimize the
standby power. At no load condition, the IC operates in
power-saving mode for lower standby power, decreasing frequency
for Higher conversion efficiency at light load condition.
The UTC US3706 offers complete protection coverage with
automatic self-recovery feature including Cycle-by-Cycle current
limiting (OCP), over load protection (OLP), over temperature
protection (OTP),
over
voltage
protection and VDD under
voltage lockout (UVLO).
The internal slope compensation improves system stability at
high PWM duty cycle output. Leading-edge blanking on current
sense input removes the signal glitch, which offering minimal
external component count in the design. Excellent EMI
performance is achieved with UTC proprietary frequency hopping
technique (ZL201020615247.1) together with soft driver control.
Audio noise is eliminated due to switch frequency more than 20kHz
during operation.
The US3706 has such applications as: battery charger, power
adaptor, set-top box power supplies, ink jet printers, open-frame
SMPS.
FEATURES
TO-220F-6
1
* UTC proprietary frequency hopping technology for
Improved EMI performance.
* Power-saving mode for high light-load and standby
efficiency
* Soft Start
* Dynamic peak current limiting for constant output power
* Built-in synchronized slope compensation
* OLP,OVPand OTP for higher security
* Fixed switch frequency 65kHz
* Low start-up current
* Cycle-by-cycle Current Limiting
* Under voltage lockout (UVLO)
* Leading edge blanking on source input
* Few external components required
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
US3706L-TF6-T
US3706G-TF6-T
TO-220F-6
Tube


Similar Part No. - US3706

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US3702 UTC-US3702 Datasheet
313Kb / 9P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
US3702G-D08-T UTC-US3702G-D08-T Datasheet
313Kb / 9P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
US3702L-D08-T UTC-US3702L-D08-T Datasheet
313Kb / 9P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
More results

Similar Description - US3706

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8851 BELLING-BL8851 Datasheet
565Kb / 7P
Current Mode PWM Power Switch
logo
Shenzhen Tianyuan Semic...
TP6272AD TPOWER-TP6272AD Datasheet
511Kb / 5P
Current mode PWM power switch chip
logo
Shaoxing Devechip Micro...
SDC3110 SDC-SDC3110 Datasheet
402Kb / 13P
Current Mode PWM Power Switch
SDC4108 SDC-SDC4108 Datasheet
434Kb / 13P
Current Mode PWM Power Switch
SDC4109 SDC-SDC4109 Datasheet
401Kb / 13P
Current Mode PWM Power Switch
logo
Grenergy Opto, lnc.
GR8935 GRENERGY-GR8935 Datasheet
416Kb / 10P
Current Mode PWM Power Switch
GR8935L GRENERGY-GR8935L Datasheet
430Kb / 10P
Current Mode PWM Power Switch
GR8935M GRENERGY-GR8935M Datasheet
417Kb / 10P
Current Mode PWM Power Switch
GR8937L GRENERGY-GR8937L Datasheet
321Kb / 9P
Current Mode PWM Power Switch
logo
List of Unclassifed Man...
CR622X ETC2-CR622X Datasheet
272Kb / 10P
Green-Power Current Mode PWM Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com