Electronic Components Datasheet Search
  English  ▼

X  

US3706 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # US3706
Description  CURRENT MODE PWM POWER SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US3706 Datasheet(HTML) 7 Page - Unisonic Technologies

  US3706 Datasheet HTML 1Page - Unisonic Technologies US3706 Datasheet HTML 2Page - Unisonic Technologies US3706 Datasheet HTML 3Page - Unisonic Technologies US3706 Datasheet HTML 4Page - Unisonic Technologies US3706 Datasheet HTML 5Page - Unisonic Technologies US3706 Datasheet HTML 6Page - Unisonic Technologies US3706 Datasheet HTML 7Page - Unisonic Technologies US3706 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
US3706
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R129-001.b
TYPICAL APPLICATION CIRCUIT
GND
FB
RT
DRAIN
VDD
SOURCE
6
5
4
1
2
3
+
+
L
N
F1 3
1
LF1
4
2
R1
R2
3
1
4
2
LF2
4
BD1
1
+
2
3
R6
R23
C1
R7
+
R8
D1
4
T1
5
8
9
RM-8
R41
2
B
R40 C40
D5
C41
L1
C42
C43
VOUT+
VOUT GND
R42
R43
C45
R47
R46
C46
U4
CY1
1
2
3
4
U3
D3
R13
C10
+
C7
U1
R20
R21
R22
RT1
R12
C5
C12
C6
C2
R45
BOM
Reference
Component
Reference
Component
BD1
2A_600V
R6, R2
Resistor, chip,1.5M, 1/4W,±5%, SMD1206
C2
Capacitor, aluminum
electrolytic,33uF/400V, 105
℃,±20%
R7, R8
Resistor, chip,180K, 1/4W,±5%, SMD1206
C3
Capacitor, ceramic, 1000pF/1KV, NPO,
SMD1206
R13
Resistor, chip,4.7-, 1/8W,±5%, SMD0805
C6
Capacitor, ceramic, 1nF/50V, X7R,
SMD0805
R18
Resistor, chip,1K, 1/8W,±5%, SMD0805
C10
Capacitor, aluminum
electrolytic,10uF/50V; 105℃,±20%
R20, R21
Resistor, chip, 1.8-, 1/4W,±5%, SMD1206
C7, C46
Capacitor, ceramic, 0.1uF/50V, X7R,
SMD0805
R40
Resistor, chip, 47-, 1/4W,±5%, SMD1206
C11
Capacitor, ceramic, 68pF/50V, X7R,
SMD0805
R41
Resistor, chip,820-, 1/10W,±5%, SMD0603
C43
Capacitor, aluminum electrolytic,
680uF/25V, 105
℃,±20%
R42
Resistor, chip,2.2K, 1/10W,±5%, SMD0603
C45
Capacitor, ceramic, 10NF/50V, X7R,
SMD0805
R43
Resistor, chip,300-, 1/10W,±1%, SMD0603
CX1
Capacitor, X2, 0.33uF/275VAC,
105
℃ ,±20%
R45
Resistor, chip,39K, 1/10W,±1%, SMD0603
CY1
Capacitor, Y1, 1000pF/400V, 105
℃,±20%
R47
Resistor, chip,10K, 1/10W,±1%, SMD0603
C40
Capacitor, ceramic, 100pF/200V, ±20%,
SMD1206
T1
Transformer, RM-8
D1
Diode , fast recovery, 1N4007,
1.0A/1000V
U1
IC, PWM controller, UTC US3706,
TO-220F-6
D3
Diode , fast recovery, BAV20WG,
SOT-123
U4
IC, TL431 SOT-23
D5
Diode, MGBR20L60CG, 20A/60V,TO-220
U3
IC, Opto-Coupler, LTV-357-T-C, SMD
F1
Fuse, 3.15A / 250V
No
Component
C1, C41, C42, C5, R1, R2, R3, R5, R12,
R22, R47
LF1, LF2
choke
PCB
32mmX71mmX1.6mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com