Electronic Components Datasheet Search
  English  ▼

X  

US3706 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # US3706
Description  CURRENT MODE PWM POWER SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US3706 Datasheet(HTML) 4 Page - Unisonic Technologies

  US3706 Datasheet HTML 1Page - Unisonic Technologies US3706 Datasheet HTML 2Page - Unisonic Technologies US3706 Datasheet HTML 3Page - Unisonic Technologies US3706 Datasheet HTML 4Page - Unisonic Technologies US3706 Datasheet HTML 5Page - Unisonic Technologies US3706 Datasheet HTML 6Page - Unisonic Technologies US3706 Datasheet HTML 7Page - Unisonic Technologies US3706 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
US3706
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R129-001.b
OPERATION DESCRIPTION
The UTC US3706 is a low power off-line SMPS Switcher optimized for off-line flyback converter. It integrates
many useful designs into one controller for low-power switch-mode power supplies. The following descriptions
highlight some of the features of the US3706 series.
Startup Current and Start up Control
The start-up current is only 2.5μA. Low start-up current allows a start-up resistor with a high resistance and a
low-wattage to supply the start-up power for the controller. For AC/DC adaptor with universal input range design, a
2.5~3MΩ, 1/8W startup resistor could be used together with a VDD capacitor to provide a fast startup and low power
dissipation solution.
Power-Saving Mode Operation
The proprietary Power-Saving Mode function provides linearly decreasing the switching frequency under
light-load conditions for higher efficiency. The feedback voltage, which is sampled from the voltage feedback loop, is
taken as the reference. Once the feedback voltage dropped below the threshold voltage, the switching frequency
starts to decrease. This Power-Saving Mode function dramatically reduces power consumption under light-load
conditions. The 22KHz minimum frequency control also eliminates the audio noise at any loading conditions.
At zero load condition, the magnitude of power loss is in proportion to the number of switching events within a
fixed period of time. Reducing switching events leads to the reduction on the power loss and thus conserves the
energy. The US3706 enter burst mode at standby condition to minimize the switching loss and reduces the standby
power consumption. Power supplies using the US3706 can easily meet even the strictest regulations regarding
standby power consumption.
Switch Frequency Set
The maximum switch frequency is fixed to 60KHz. Switch frequency is modulated by output power POUT during IC
operating. At no load or light load condition, most of the power dissipation in a switching mode power supply is from
switching loss on the MOSFET transistor, the core loss of the transformer and the loss on the snubber circuit. The
magnitude of power loss is in proportion to the number of switching events within a fixed period of time. So lower
switch frequency at lower load, which more and more improve IC’s efficiency at light load. At from no load to light
load condition, The IC will operate at from Burst mode to Reducing Frequency Mode. The relation curve between fSW
and POUT/POUT (MAX) as followed Fig.1.
1%~100% Load @ 115 & 230 Vac
POUT/POUT(max)
10
25
40
55
70
1%
9%
30%
19%
100%
115V
230V
60
Fig.1 The relation curve between fSW and relative output power POUT/ POUT (MAX)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com