Electronic Components Datasheet Search
  English  ▼

X  

AFE5812 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5812
Description  AFE5812 Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 180 mW/CH
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5812 Datasheet(HTML) 39 Page - Texas Instruments

Back Button AFE5812 Datasheet HTML 35Page - Texas Instruments AFE5812 Datasheet HTML 36Page - Texas Instruments AFE5812 Datasheet HTML 37Page - Texas Instruments AFE5812 Datasheet HTML 38Page - Texas Instruments AFE5812 Datasheet HTML 39Page - Texas Instruments AFE5812 Datasheet HTML 40Page - Texas Instruments AFE5812 Datasheet HTML 41Page - Texas Instruments AFE5812 Datasheet HTML 42Page - Texas Instruments AFE5812 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 109 page
background image
LNA1
Weight
Weight
Weight
Weight
LNA2~8
In-phase
CLK
Quadrature
CLK
I/V
I/V
Summed
In-Phase
Summed
Quadrature
Syncronized I/Q
CLOCKs
AFE5812
www.ti.com
SLOS816A – MARCH 2015 – REVISED MARCH 2015
Figure 73. Block Diagram of 1 x ƒcw mode
10.3.6 Digital I/Q Demodulator
AFE5812 also includes a digital in-phase and quadrature (I/Q) demodulator and a low-pass decimation filter. The
main purpose of the demodulation block is to reduce the LVDS data rate and improve overall system power
efficiency. The I/Q demodulator accepts ADC output with up to 65 MSPS sampling rate and 14-bit resolution. For
example, after digital demodulation and 4× decimation filtering, the data rate for either in-phase or quadrature
output is reduced to 16.25 MSPS, and the data resolution is improved to 16 bits consequently. Hence, the overall
LVDS trace reduction can be a factor of 2. This demodulator can be bypassed and powered down completely if it
is not needed.
The digital demodulator block given in AFE5812 is designed to do down-conversion followed by decimation. The
top-level block is divided into two exactly similar blocks: (1) subchip0 and (2) subchip1. Both subchips share four
channels each, that is, subchip0 (ADC.1, ADC.2, ADC.3, and ADC.4) and subchip1 (ADC.5, ADC.6, ADC.7, and
ADC.8).
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: AFE5812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com