Electronic Components Datasheet Search
  English  ▼

X  

AFE5812 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5812
Description  AFE5812 Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 180 mW/CH
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5812 Datasheet(HTML) 3 Page - Texas Instruments

  AFE5812 Datasheet HTML 1Page - Texas Instruments AFE5812 Datasheet HTML 2Page - Texas Instruments AFE5812 Datasheet HTML 3Page - Texas Instruments AFE5812 Datasheet HTML 4Page - Texas Instruments AFE5812 Datasheet HTML 5Page - Texas Instruments AFE5812 Datasheet HTML 6Page - Texas Instruments AFE5812 Datasheet HTML 7Page - Texas Instruments AFE5812 Datasheet HTML 8Page - Texas Instruments AFE5812 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 109 page
background image
AFE5812
www.ti.com
SLOS816A – MARCH 2015 – REVISED MARCH 2015
6 Device Comparison Table
Part Number
Part Description
Package
Body Size (NOM)
16-Channel, Ultrasound, Analog Front-End with 124-mW/Channel, 0.75-nV/
√Hz
AFE5818, SBAS687
NFBGA (289)
15.00 mm × 15.00 mm
Noise, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC, and Passive CW Mixer
16-Channel, Ultrasound, Analog Front-End with 54-mW/Channel, 1.3-nV/
√Hz
AFE5816, SBAS688
NFBGA (289)
15.00 mm × 15.00 mm
Noise, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC, and Passive CW Mixer
8-Channel Ultrasound Analog Front End With Passive CW Mixer, and Digital I/Q
AFE5809, SLOS738
NFBGA (135)
15.00 mm × 9.00 mm
Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
8-Channel Ultrasound Analog Front End With Passive CW Mixer, 0.75 nV/rtHz,
AFE5808A,SLOS729
NFBGA (135)
15.00 mm × 9.00 mm
14/12-Bit, 65 MSPS, 158 mW/CH
8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-
AFE5807, SLOS703
NFBGA (135)
15.00 mm × 9.00 mm
Bit, 80 MSPS, 117 mW/CH
8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158
AFE5803, SLOS763
NFBGA (135)
15.00 mm × 9.00 mm
mW/CH
8-Channel Ultrasound Analog Front End, 0.85 nV/rtHz, 12-Bit, 50 MSPS, 122
AFE5805, SBOS421
NFBGA (135)
15.00 mm × 9.00 mm
mW/CH
8-Channel Ultrasound Analog Front End, 1.23 nV/rtHz, 12-Bit, 50 MSPS, 101
AFE5804, SBOS442
NFBGA (135)
15.00 mm × 9.00 mm
mW/CH
8-Channel Variable-Gain Amplifier (VGA) With Octal High-Speed ADC, 5.5 nV/rtHz,
AFE5801, SLOS591
QFN (64)
9.00 mm × 9.00 mm
12-Bit, 65MSPS, 65 mW/CH
16-Channel Variable-Gain Amplifier (VGA) With High-Speed ADC, 5.5 nV/rtHz, 12-
AFE5851, SLOS574
QFN (64)
9.00 mm × 9.00 mm
Bit, 32.5 MSPS, 39 mW/CH
8-Channel Voltage Controlled Amplifier for Ultrasound with Passive CW Mixer, 0.75
VCA5807, SLOS727
TQFP (80)
14.00 mm × 14.00 mm
nV/rtHz, 99 mW/CH
8-Channel, Ultralow-Power, Variable Gain Amplifier with Low-Noise Pre-Amp, 0.8
VCA8500, SBOS390
QFN (64)
9.00 mm × 9.00 mm
nV/rtHz, 65 mW/CH
ADS5294, SLAS776
Octal-Channel 14-Bit 80-MSPS ADC, 75 dBFS SNR, 77 mW/CH
TQFP (80)
14.00 mm × 14.00 mm
ADS5292, SLAS788
Octal-Channel 12-Bit 80-MSPS ADC, 70 dBFS SNR, 66 mW/CH
TQFP (80)
14.00 mm × 14.00 mm
ADS5295, SBAS595
Octal-Channel 12-Bit 100-MSPS ADC, 70.6 dBFS SNR, 80 mW/CH
TQFP (80)
14.00 mm × 14.00 mm
10-Bit, 200-MSPS, 4-Channel, 61dBFS SNR, 150 mW/CH and 12-Bit, 80-MSPS, 8-
ADS5296A, SBAS631
QFN (64)
9.00 mm × 9.00 mm
Channel, 70dBFS SNR, 65 mW/CH ADC
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: AFE5812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com