Electronic Components Datasheet Search
  English  ▼

X  

AFE5812 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5812
Description  AFE5812 Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 180 mW/CH
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5812 Datasheet(HTML) 71 Page - Texas Instruments

Back Button AFE5812 Datasheet HTML 67Page - Texas Instruments AFE5812 Datasheet HTML 68Page - Texas Instruments AFE5812 Datasheet HTML 69Page - Texas Instruments AFE5812 Datasheet HTML 70Page - Texas Instruments AFE5812 Datasheet HTML 71Page - Texas Instruments AFE5812 Datasheet HTML 72Page - Texas Instruments AFE5812 Datasheet HTML 73Page - Texas Instruments AFE5812 Datasheet HTML 74Page - Texas Instruments AFE5812 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 109 page
background image
k
n
5
Nn
x = C + 2 sin(
)
2
p
AFE5812
www.ti.com
SLOS816A – MARCH 2015 – REVISED MARCH 2015
•
Decimation block can be bypassed using register DEC_BYPASS.
•
Decimation factor: This can be set using the decimation factor (M) parameter of the profile vector.
Alternatively, it can be set using registers MANUAL_DEC_FACTOR_EN and MANUAL_DEC_FACTOR.
•
Filter coefficients: Filter coefficients should be written to coefficient RAM (see Profile RAM and Coefficient
RAM). The format of the filter coefficient is 2’s complement. Its address pointer should be given in profile
vector, or alternatively, registers MANUAL_COEFF_START_EN and MANUAL_COEFF_START_ADDR can
be used.
•
Filter digital gain: Decimation block takes 14-bit input data and 14-bit input coefficients and gives 36-bit output
internally. While implementing this FIR filter, after multiplication and addition, the 36-bit internal filter output
should be scaled approximately to make the final demod output as 16 bit, that is, applying digital gain or
attenuation. Filter gain or attenuation depends on two parameters: decimation shift scale and gain
compensation factor.
•
Decimation shift scale can be chosen using register DEC_SHIFT_SCALE. The gain compensation factor can
be given to the gain compensation factor (G) parameter of the profile vector, or can be given using registers
DEC_SHIFT_FORCE_EN and DEC_SHIFT_FORCE.
•
The internal 36-bit filter output is right-shifted by N bits, where N equals:
–
20-G when Dec_Shift_Scale = 0
–
20-G-2 when Dec_Shift_Scale = 1
The minimal gain occurs when G = 0 and DEC_SHIFT_SCALE = 0. The total scaling range can be a factor of
29, that is, approximately 54 dB.
Table 18. Test Modes
Register Name
SPI Address
TM_SINE_DC
0x1E[15:9]
TM_SINE_AMP
0x1E[8:5]
TM_SINE_STEP
0x1E[4:0]
TM_SINE_EN
0x1D[2]
TM_COEFF_EN
0x1D[3]
1. Sine test mode:
The normal ADC output can be replaced by:
(5)
–
N is a 5-bit unsigned value, controlling the sine wave frequency with resolution of FS / 2
6, which is 0.625
MHz for 40-MHz ADC clock.
–
k is 4-bit unsigned value, controlling the wave amplitude, from unity to the full scale of 14 bits, including
saturation.
–
C is 7-bit signed value for DC offset control.
The controlling values fit into one 16-bit register. This test pattern shall allow testing of demodulation,
decimation filter, DC removal, gain control, and so on.
2. Coefficient output test mode:
–
The input to the decimating filter can be replaced with a sequence of one impulse and zero samples,
where one impulse (0x4000) is followed by (16 × M) zeros (that is, 0 × 0000).
–
This mode is useful to check decimation filter coefficients.
–
This mode can be enabled using register TM_COEFF_EN.
3. RF mode:
RF mode allows for the streaming of ADC data through the demodulator to the LVDS. Note: Test pattern
from the ADC output stage cannot be sent to the demodulator (it can only be sent to the LVDS when the
demodulator is off). RF mode without sync word can be set by the following:
(a) Configure the ADC Serialization rate as 16bit, by setting ADC register 03[14:13]=01B.
(b) Write
0x0041
to
demod
register
0xDF;
that
is
MANUAL_DEC_FACTOR_EN
=
1
and
MANUAL_DEC_FACTOR = 1.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
71
Product Folder Links: AFE5812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com