Electronic Components Datasheet Search
  English  ▼

X  

AFE5812 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5812
Description  AFE5812 Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 180 mW/CH
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5812 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AFE5812 Datasheet HTML 9Page - Texas Instruments AFE5812 Datasheet HTML 10Page - Texas Instruments AFE5812 Datasheet HTML 11Page - Texas Instruments AFE5812 Datasheet HTML 12Page - Texas Instruments AFE5812 Datasheet HTML 13Page - Texas Instruments AFE5812 Datasheet HTML 14Page - Texas Instruments AFE5812 Datasheet HTML 15Page - Texas Instruments AFE5812 Datasheet HTML 16Page - Texas Instruments AFE5812 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 109 page
background image
AFE5812
www.ti.com
SLOS816A – MARCH 2015 – REVISED MARCH 2015
Electrical Characteristics (continued)
AVDD_5V = 5 V, AVDD = 3.3 V, AVDD_ADC = 1.8 V, DVDD = 1.8 V, AC-coupled with 0.1 µF at INP and bypassed to ground
with 15 nF at INM, No active termination, VCNTL = 0 V, ƒIN = 5 MHz, LNA = 18 dB, PGA = 24 dB, 14 bit, sample rate = 65
MSPS, LPF Filter = 15 MHz, low-noise mode, VOUT = –1 dBFS, Single-ended VCNTL mode, VCNTLM = GND, ADC configured
in internal reference mode, internal 500-
Ω CW feedback resistor, CMOS CW clocks, at ambient temperature, TA = 25°C,
Digital demodulator is disabled unless otherwise noted. Min and max values are specified across full-temperature range with
AVDD_5 V = 5 V, AVDD = 3.3 V, AVDD_ADC = 1.8 V, DVDD = 1.8 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VREF_IN voltage
1.4
V
External reference mode
VREF_IN current
50
µA
ADC input full-scale range
2
Vpp
LVDS rate
65 MSPS at 14 bit
910
Mbps
POWER DISSIPATION
AVDD voltage
3.15
3.3
3.6
V
AVDD_ADC voltage
1.7
1.8
1.9
V
AVDD_5V voltage
4.75
5
5.5
V
DVDD voltage
1.7
1.8
1.9
V
TGC low-noise mode, 65 MSPS
180
214
TGC low-noise mode, 40 MSPS
163
Total power dissipation per channel
mW/CH
TGC medium-power mode, 40 MSPS
125
TGC low-power mode, 40 MSPS
109
TGC low-noise mode, no signal
108
130
TGC medium-power mode, no signal
68
TGC low-power mode, no signal
59
CW-mode, no signal, 16x clock = 80MHz
49
AVDD (3.3-V) current
mA
TGC low-noise mode, 500 mVPP Input,1% duty cycle
116
TGC medium-power mode, 500 mVPP Input, 1% duty cycle
75
TGC low power, 500 mVPP Input, 1% duty cycle
65
CW-mode, 500 mVPP Input to all 8 channels
281
TGC mode no signal
116
140
CW mode no signal, 16× clock = 80 MHz
139
AVDD_5V current
mA
TGC mode, 500 mVpp Input,1% duty cycle
116.5
CW-mode, 500 mVpp input
148
TGC low-noise mode, no signal
117
142
TGC medium-power mode, no signal
79
TGC low-power mode, no signal
63
VCA power dissipation
mW/CH
TGC low-noise mode, 500 mVPP input,1% duty cycle
121
TGC medium-power mode, 500 mVPP Input, 1% duty cycle
82
TGC low-power mode, 500 mVpp input,1% duty cycle
67
No signal, ADC shutdown CW mode no signal, 16× clock = 80 MHz
107
CW power dissipation
mW/CH
500 mVPP input, ADC shutdown , 16× clock = 80 MHz
209
AVDD_ADC (1.8-V) current
65MSPS
187
220
mA
DVDD (1.8-V) current
65 MSPS
90
110
mA
65 MSPS
59
69
50 MSPS
51
ADC power dissipation/CH
mW/CH
40 MSPS
46
20 MSPS
35
PDN_VCA = High, PDN_ADC = High
25
Power dissipation in power down mode
mW/CH
Complete power-down PDN_Global = High
0.675
Power-down response time
Time taken to enter power down
1
µs
2 µs + 1% of
VCA power down
PDN time
µs
Power-up response time
ADC power down
1
Complete power down
2.5
ms
FIN = 5 MHz, at 50 mVPP noise at 1 kHz on supply
(4)
–65
dBc
Power supply modulation ratio, AVDD
and AVDD_5V
FIN = 5 MHz, at 50 mVpp noise at 50 kHz on supply
(4)
–65
(4)
PSMR specification is with respect to carrier signal amplitude.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: AFE5812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com