Electronic Components Datasheet Search
  English  ▼

X  

MAX686 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX686
Description  DAC-Controlled Boost/Inverter LCD Bias Supply with Internal Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX686 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX686 Datasheet HTML 1Page - Maxim Integrated Products MAX686 Datasheet HTML 2Page - Maxim Integrated Products MAX686 Datasheet HTML 3Page - Maxim Integrated Products MAX686 Datasheet HTML 4Page - Maxim Integrated Products MAX686 Datasheet HTML 5Page - Maxim Integrated Products MAX686 Datasheet HTML 6Page - Maxim Integrated Products MAX686 Datasheet HTML 7Page - Maxim Integrated Products MAX686 Datasheet HTML 8Page - Maxim Integrated Products MAX686 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DAC-Controlled Boost/Inverter
LCD Bias Supply with Internal Switch
_______________________________________________________________________________________
3
IREF = 0µA to 25µA, CREF = 0.1µF
VCC = VDD = 2.7V to 5.5V, no load
0µA < IDACOUT < 20µA
-50µA < IDACOUT < 0µA
IREF = 0µA to 50µA, CREF = 0.47µF
CONDITIONS
mV
1
10
REF Load Regulation
V
1.225
1.250
1.275
VREF
REF Output Voltage
mV
0
15
VZS
Zero-Scale Output Voltage
V
VREF -
VREF
VREF +
0.015
0.015
VFS
Full-Scale Output Voltage
1.5
nA
±50
IFB
FB Input Bias Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ELECTRICAL CHARACTERISTICS (continued)
(VCC = VDD = VIN = +5V, CREF = 0.1µF, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
POL = GND
POL = VCC
V
1.225
1.250
1.275
VFB
FB Set Point
mV
-15
0
15
nA
±50
IPOK
POK Input Current
VPOK rising
V
1.100
1.125
1.150
VPOK
POK Threshold
mV
12
POK Hysteresis
V LCDON = 0.4V, VPOK = 1.25V
mA
2
6
I LCDON
LCDON Sink Current
V LCDON = 28V, VPOK = GND
µA
0.02
1
LCDON Leakage Current
bits
6
Resolution
Mid-scale = VREF x 32/63
%
-2
2
MSA
Mid-Scale Accuracy
Guaranteed monotonic
LSB
-1
1
DNL
Differential Nonlinearity
k
Ω
1.5
RDACOUT
Output Resistance in Shutdown
2.7V < VCC = VDD < 5.5V
V
0.7
VIL
Input Low Level
2.7V < VCC = VDD < 5.5V
V
2.4
VIH
Input High Level
µA
±1
IBIAS
Input Bias Current
UP, DN, TA = +25°C
µs
1
tPWH
Pulse Width High
UP, DN, TA = +25°C
µs
1
tPWL
Pulse Width Low
UP, DN, TA = +25°C
µs
1
tPWS
Pulse Separation
REFERENCE AND FB INPUT
POWER OK COMPARATOR, LCDON OUTPUT
DAC OUTPUT (Notes 2, 3)
LOGIC INPUTS: POL, ISET, UP, DN, SHDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com