Electronic Components Datasheet Search
  English  ▼

X  

MAX686 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX686
Description  DAC-Controlled Boost/Inverter LCD Bias Supply with Internal Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX686 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX686 Datasheet HTML 1Page - Maxim Integrated Products MAX686 Datasheet HTML 2Page - Maxim Integrated Products MAX686 Datasheet HTML 3Page - Maxim Integrated Products MAX686 Datasheet HTML 4Page - Maxim Integrated Products MAX686 Datasheet HTML 5Page - Maxim Integrated Products MAX686 Datasheet HTML 6Page - Maxim Integrated Products MAX686 Datasheet HTML 7Page - Maxim Integrated Products MAX686 Datasheet HTML 8Page - Maxim Integrated Products MAX686 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DAC-Controlled Boost/Inverter
LCD Bias Supply with Internal Switch
_______________________________________________________________________________________
5
95
60
0.1
1
10
100
EFFICIENCY vs. LOAD CURRENT
(VOUT = +24V)
70
65
75
80
85
90
LOAD CURRENT (mA)
A: VIN = 12V, ISET = VCC
B: VIN = 12V, ISET = GND
C: VIN = 5V, ISET = VCC
D: VIN = 5V, ISET = GND
E: VIN = 3V, ISET = GND
F: VIN = 3V, ISET = VCC
C
D
E
F
A
B
95
90
60
0.1
10
1
1000
100
EFFICIENCY vs. LOAD CURRENT
(VOUT = +12V)
65
LOAD CURRENT (mA)
70
75
80
85
A: VIN = 9V, ISET = VCC
B: VIN = 9V, ISET = GND
C: VIN = 5V, ISET = VCC
D: VIN = 5V, ISET = GND
E: VIN = 3V, ISET = GND
F: VIN = 3V, ISET = VCC
D
C
F
B
A
E
85
60
0.1
1
10
100
EFFICIENCY vs. LOAD CURRENT
(VOUT = -12V)
65
70
75
80
LOAD CURRENT (mA)
A
F
E
B
D
C: VIN = 5V, ISET = GND
D: VIN = 5V, ISET = VCC
E: VIN = 3V, ISET = GND
F: VIN = 3V, ISET = VCC
A: VIN = 9V, ISET = GND
B: VIN = 9V, ISET = VCC
C
__________________________________________Typical Operating Characteristics
(Circuits of Figures 1 and 2, VCC = VDD = VIN = +5V, L1 = 22µH, SHDN = VCC, CREF = 0.1µF, TA = +25°C, unless otherwise noted.)
85
50
0.1
1
10
100
EFFICIENCY vs. LOAD CURRENT
(VOUT = -18V)
60
55
65
70
75
80
LOAD CURRENT (mA)
C
D
A: VIN = 9V, ISET = GND
B: VIN = 9V, ISET = VCC
C: VIN = 5V, ISET = GND
D: VIN = 5V, ISET = VCC
E: VIN = 3V, ISET = GND
F: VIN = 3V, ISET = VCC
E
F
A
B
1000
1
0
4
6
2
10
12
8
14
MAXIMUM OUTPUT CURRENT vs.
INPUT VOLTAGE (VOUT = +12V, +24V)
10
100
INPUT VOLTAGE (V)
A: VOUT = 12V, ISET = VCC
B: VOUT = 12V, ISET = GND
C: VOUT = 24V, ISET = VCC
D: VOUT = 24V, ISET = GND
A
C
D
B
1
10
100
0
4
6
8
2
10
12
14
16
18
MAXIMUM OUTPUT CURRENT vs.
INPUT VOLTAGE (VOUT = -12V, -18V)
INPUT VOLTAGE (V)
B
D
C
A: VOUT = -12V, ISET = VCC
B: VOUT = -18V, ISET = VCC
C: VOUT = -12V, ISET = GND
D: VOUT = -18V, ISET = GND
A
B & D
A & C
VOUT
50mV/div
AC-COUPLED
VOUT
50mV/div
AC-COUPLED
ISET = VCC
ISET = GND
OUTPUT VOLTAGE RIPPLE
MAX686 TOC09
20
µs/div
VOUT = 24V
ILOAD = 5mA
1000
1
0
2
1
4
5
3
6
INPUT CURRENT
vs. INPUT VOLTAGE
10
100
INPUT VOLTAGE (V)
VCC = VIN = VDD
INPUT CURRENT = ICC + IDD
VOUT = 18V, NO LOAD
1.244
1.246
1.245
1.248
1.247
1.251
1.250
1.249
1.252
0
40
20
60
80
100
120
140
REFERENCE VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (
µA)
VIN = VCC = 5V
CREF = 0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com